Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TA8409SG Datasheet(Fiches technique) 1 Page - Toshiba Semiconductor

Numéro de pièce TA8409SG
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic, Bridge Driver
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

TA8409SG Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA8409S/SG, F/FG
2003-08-12
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8409S/SG, TA8409F/FG
Bridge Driver
The TA8409S/SG and TA8409F/FG are bridge drivers with
output voltage control.
Features
Modes available (CW/CCW/STOP/BRAKE)
Output current up to 0.4 A (AVE) and 1.0 A (PEAK)
Wide range of operating voltages
VCC (opr.) = 4.5 to 20 V
VS (opr.) = 0 to 20 V
Vref (opr.) = 0 to 20 V (Vref ≤ VS)
Built-in thermal shutdown
Standby mode available (STOP MODE)
Hysteresis for all inputs.
TA8409S/SG
TA8409F/FG
Weight
SIP9−P−2.54A: 0.92 g (typ.)
SSOP10−P−225−1.00: 0.09 g (typ.)
TA8409FG/SG:
The TA8409FG/SG is a Pb-free product.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-63Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0 Ag-0.5 Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn