Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ALD2726 Fiches technique(PDF) 6 Page - Advanced Linear Devices

No de pièce ALD2726
Description  DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALD [Advanced Linear Devices]
Site Internet  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2726 Fiches technique(HTML) 6 Page - Advanced Linear Devices

Back Button ALD2726 Datasheet HTML 2Page - Advanced Linear Devices ALD2726 Datasheet HTML 3Page - Advanced Linear Devices ALD2726 Datasheet HTML 4Page - Advanced Linear Devices ALD2726 Datasheet HTML 5Page - Advanced Linear Devices ALD2726 Datasheet HTML 6Page - Advanced Linear Devices ALD2726 Datasheet HTML 7Page - Advanced Linear Devices ALD2726 Datasheet HTML 8Page - Advanced Linear Devices ALD2726 Datasheet HTML 9Page - Advanced Linear Devices ALD2726 Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Advanced Linear Devices
ALD2726E/ALD2726
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT VOLTAGE SWING AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
±1
±2
±3
±4
±7
±6
±5
±6
±5
±4
±3
±2
±1
±25°C ≤ TA ≤ +125°C
RL = 100KΩ
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
100
10
1.0
0.01
0.1
100
-25
0
75
125
50
25
-50
1000
VS = ±2.5V
OPEN LOOP VOLTAGE GAIN AS A FUNCTION
OF SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1000
100
10
1
0
±2
±4
±6
±55°C ≤ TA ≤ +125°C
RL = 100KΩ
±8
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
160
120
40
80
0
0
±1
±2
±3
±4
±5
±6
TA = -55°C
-25
°C
+25
°C
+70
°C
+125
°C
INPUTS GROUNDED
OUTPUT UNLOADED
OPEN LOOP VOLTAGE GAIN AS
A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
1
10
100
1K
10K
1M
10M
100K
120
100
80
60
40
20
0
-20
VS = ±2.5V
TA = 25°C
90
0
45
180
135
ADJUSTMENT IN INPUT OFFSET VOLTAGE
AS A FUNCTION OF CHANGE IN VE1 AND VE2
0.0
0.25
0.5
0.75
1.0
1.25
1.50
-10
-8
-6
-4
-2
0
2
4
6
8
10
VE1
VE2
CHANGE IN VE1 AND VE2 (V)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn