Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ALD2726 Fiches technique(PDF) 5 Page - Advanced Linear Devices

No de pièce ALD2726
Description  DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALD [Advanced Linear Devices]
Site Internet  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2726 Fiches technique(HTML) 5 Page - Advanced Linear Devices

  ALD2726 Datasheet HTML 1Page - Advanced Linear Devices ALD2726 Datasheet HTML 2Page - Advanced Linear Devices ALD2726 Datasheet HTML 3Page - Advanced Linear Devices ALD2726 Datasheet HTML 4Page - Advanced Linear Devices ALD2726 Datasheet HTML 5Page - Advanced Linear Devices ALD2726 Datasheet HTML 6Page - Advanced Linear Devices ALD2726 Datasheet HTML 7Page - Advanced Linear Devices ALD2726 Datasheet HTML 8Page - Advanced Linear Devices ALD2726 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ALD2726E/ALD2726
Advanced Linear Devices
5
TA = 25
oC VS = ±1.0V unless otherwise specified
2726E
2726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Power Supply
PSRR i
80
80
dB
RS ≤ 100KΩ
Rejection Ratio
8
Initial Common Mode
CMRRi
80
80
dB
RS ≤ 100KΩ
Rejection Ratio
8
Large Signal Voltage Gain
AV
50
50
V/mV
RL = 1MΩ
Output Voltage Range
VO low
-0.95
-0.9
-0.95
-0.9
V
RL = 1MΩ
VO high
0.9
0.95
0.9
0.95
Bandwidth
BW
0.2
0.2
MHz
Slew Rate
SR
0.1
0.1
V/
µsAV = +1, CL = 25pF
VS = ±2.5V -55°C TA +125°C unless otherwise specified
2726E
2726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Input offset Voltage
VOS i
0.7
0.7
mV
RS ≤ 100KΩ
Input Offset Current
IOS
2.0
2.0
nA
Input Bias Current
IB
2.0
2.0
nA
Initial Power Supply
PSRR i
85
85
dB
RS ≤ 100KΩ
Rejection Ratio 8
Initial Common Mode
CMRR i
83
83
dB
RS ≤ 100KΩ
Rejection Ratio 8
Large Signal Voltage Gain
AV
10
50
10
50
V/mV
RL = 1MΩ
Output Voltage Range
VO low
-2.40
-2.25
-2.40
-2.25
V
VO high
2.25
2.40
2.25
2.40
V
RL = 1MΩ


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn