Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ6.5 Fiches technique(PDF) 2 Page - DAESAN ELECTRONIC CORP.

No de pièce SMAJ6.5
Description  POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAESAN [DAESAN ELECTRONIC CORP.]
Site Internet  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMAJ6.5 Fiches technique(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SMAJ6.5 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMAJ6.5 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMAJ6.5 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMAJ6.5 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at IT (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Max
Min
IT (mA)
VWM (V)
ID (μ
A) (3)
(A)(2)
VC (V)
S MAJ 5.0(C )
AD
WD
6.40
7.82
7.07
10
5.0
800
41.7
9.6
S MAJ 5.0(C )A(5)
AE
WE
6.40
10
5.0
800
43.5
9.2
S MAJ 6.0(C )
AF
WF
6.67
8.15
7.37
10
6.0
800
35.1
11.4
S MAJ 6.0(C )A
AG
WG
6.67
10
6.0
800
38.8
10.3
S MAJ 6.5(C )
AH
WH
7.22
7.22
8.82
10
6.5
500
32.5
12.3
S MAJ 6.5(C )A
AK
WK
7.98
10
6.5
500
35.7
11.2
S MAJ 7.0(C )
AL
WL
7.78
9.51
8.60
10
7.0
200
30.1
13.3
S MAJ 7.0(C )A
AM
WM
7.78
10
7.0
200
33.3
12.0
S MAJ 7.5(C )
AN
WN
8.33
10.2
9.21
1.0
7.5
100
28.0
14.3
S MAJ 7.5(C )A
AP
WP
8.33
1.0
7.5
100
31.0
12.9
S MAJ 8.0(C )
AQ
WQ
8.89
10.9
9.83
1.0
8.0
50
26.7
15.0
S MAJ 8.0(C )A
AR
WR
8.89
1.0
8.0
50
29.4
13.6
S MAJ 8.5(C )
AS
WS
9.44
11.5
10.4
1.0
8.5
10
25.2
15.9
S MAJ 8.5(C )A
AT
WT
9.44
1.0
8.5
10
27.8
14.4
S MAJ 9.0(C )
AU
WU
10.0
12.2
11.1
1.0
9.0
5.0
23.7
16.9
S MAJ 9.0(C )A
AV
WV
10.0
1.0
9.0
5.0
26.0
15.4
S MAJ 10(C )
AW
WW
11.1
13.6
12.3
1.0
10
1.0
21.3
18.8
S MAJ 10(C )A
AX
WX
11.1
1.0
10
1.0
23.5
17.0
S MAJ 11(C )
AY
WY
12.2
14.9
13.5
1.0
11
1.0
19.9
20.1
S MAJ 11(C )A
AZ
WZ
12.2
1.0
11
1.0
22.0
18.2
S MAJ 12(C )
B D
XD
13.3
16.3
14.7
1.0
12
1.0
18.2
22.0
S MAJ 12(C )A
B E
XE
13.3
1.0
12
1.0
20.1
19.9
S MAJ 13(C )
B F
XF
14.4
17.6
15.9
1.0
13
1.0
16.8
23.8
S MAJ 13(C )A
B G
XG
14.4
1.0
13
1.0
18.6
21.5
S MAJ 14(C )
B H
XH
15.6
19.1
17.2
1.0
14
1.0
15.5
25.8
S MAJ 14(C )A
B K
XK
15.6
1.0
14
1.0
17.2
23.2
S MAJ 15(C )
B L
XL
16.7
20.4
18.5
1.0
15
1.0
14.9
26.9
S MAJ 15(C )A
B M
XM
16.7
1.0
15
1.0
16.4
24.4
S MAJ 16(C )
B N
XN
17.8
21.8
19.7
1.0
16
1.0
13.9
28.8
S MAJ 16(C )A
B P
XP
17.8
1.0
16
1.0
15.4
26.0
S MAJ 17(C )
B Q
XQ
18.9
23.1
20.9
1.0
17
1.0
13.1
30.5
S MAJ 17(C )A
B R
XR
18.9
1.0
17
1.0
14.5
27.6
S MAJ 18(C )
B S
XS
20.0
24.4
22.1
1.0
18
1.0
12.4
32.2
S MAJ 18(C )A
B T
XT
20.0
1.0
18
1.0
13.7
29.2
S MAJ 20(C )
B U
XU
22.2
27.1
24.5
1.0
20
1.0
11.2
35.8
S MAJ 20(C )A
B V
XV
22.2
1.0
20
1.0
12.3
32.4
S MAJ 22(C )
B W
XW
24.4
29.8
26.9
1.0
22
1.0
10.2
39.4
S MAJ 22(C )A
B X
XX
24.4
1.0
22
1.0
11.3
35.5
S MAJ 24(C )
B Y
XY
26.7
32.6
29.5
1.0
24
1.0
9.3
43.0
S MAJ 24(C )A
B Z
XZ
26.7
1.0
24
1.0
10.3
38.9
S MAJ 26(C )
C D
Y D
28.9
35.3
31.9
1.0
26
1.0
8.6
46.6
S MAJ 26(C )A
C E
Y E
28.9
1.0
26
1.0
9.5
42.1
S MAJ 28(C )
C F
Y F
31.1
38.0
34.4
1.0
28
1.0
8.0
50.0
S MAJ 28(C )A
C G
Y G
31.1
1.0
28
1.0
8.8
45.4
S MAJ 30(C )
C H
Y H
33.3
40.7
36.8
1.0
30
1.0
7.5
53.5
S MAJ 30(C )A
C K
Y K
33.3
1.0
30
1.0
8.3
48.4
Notes : (1) P ulse test: tp=50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35
(5) For the bidirectional S MAJ 5.0C A, the maximum V(BR ) is 7.25V.


Numéro de pièce similaire - SMAJ6.5

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
SMAJ6.5 DGNJDZ-SMAJ6.5 Datasheet
499Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jinan Gude Electronic D...
SMAJ6.5 JGD-SMAJ6.5 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
SMAJ6.5 BILIN-SMAJ6.5 Datasheet
775Kb / 7P
   Transient Voltage Suppressor
logo
RFE international
SMAJ6.5 RFE-SMAJ6.5 Datasheet
82Kb / 1P
   SURFACE MOUNT Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMAJ6.5 LUGUANG-SMAJ6.5 Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
More results

Description similaire - SMAJ6.5

FabricantNo de pièceFiches techniqueDescription
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com