Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLO31F-15M Fiches technique(PDF) 1 Page - Data Delay Devices, Inc.

No de pièce DLO31F-15M
Description  TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATADELAY [Data Delay Devices, Inc.]
Site Internet  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DLO31F-15M Fiches technique(HTML) 1 Page - Data Delay Devices, Inc.

  DLO31F-15M Datasheet HTML 1Page - Data Delay Devices, Inc. DLO31F-15M Datasheet HTML 2Page - Data Delay Devices, Inc. DLO31F-15M Datasheet HTML 3Page - Data Delay Devices, Inc. DLO31F-15M Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DLO31F
Doc #98001
DATA DELAY DEVICES, INC.
1
3/17/98
3 Mt. Prospect Ave. Clifton, NJ 07013
TTL-INTERFACED, GATED
DELAY LINE OSCILLATOR
(SERIES DLO31F)
FEATURES
PACKAGES
Continuous or keyable wave train
Synchronizes with arbitrary gating signal
Fits standard 14-pin DIP socket
Low profile
Auto-insertable
Input & outputs fully TTL interfaced & buffered
Available in frequencies from 2MHz to 40MHz
FUNCTIONAL DESCRIPTION
The DLO31F-series device is a gated delay line oscillator. The device
produces a stable square wave which is synchronized with the falling edge
of the Gate Input (GB). The frequency of oscillation is given by the device
dash number (See Table). The two outputs (C1,C2) are in phase during
oscillation, but return to opposite logic levels when the device is disabled.
SERIES SPECIFICATIONS
Frequency accuracy:
2%
Inherent delay (TE0):
5.5ns typical
Output skew:
3.5ns typical
Output rise/fall time:
2ns typical
Supply voltage:
5VDC
± 5%
Supply current:
40ma typical (7ma when disabled)
Operating temperature:
0
° to 70° C
Temperature coefficient: 100 PPM/
°C (See text)
GATE
(GB)
CLOCK 2
(C2)
Figure 1: Timing Diagram
CLOCK 1
(C1)
tEO
1/f0
tDO
tCS
tGR
©
©1998 Data Delay Devices
data
delay
devices, inc.
®
®
3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C1
N/C
N/C
N/C
N/C
N/C
GND
VCC
N/C
N/C
N/C
C2
N/C
GB
14
10
8
1
7
C1
GND
VCC
C2
GB
DLO31F-xx
DIP
DLO31F-xxA2 Gull-Wing
DLO31F-xxB2 J-Lead
DLO31F-xxM
Military DIP
Military SMD
DLO31F-xxMD1
DLO31F-xxMD4
PIN DESCRIPTIONS
GB
Gate Input
C1
Clock Output 1
C2
Clock Output 2
VCC
+5 Volts
GND
Ground
DASH NUMBER
SPECIFICATIONS
Part
Number
Frequency
(MHz)
DLO31F-2
2.0
± 0.04
DLO31F-2.5
2.5
± 0.05
DLO31F-3
3.0
± 0.06
DLO31F-3.5
3.5
± 0.07
DLO31F-4
4.0
± 0.08
DLO31F-4.5
4.5
± 0.09
DLO31F-5
5.0
± 0.10
DLO31F-5.5
5.5
± 0.11
DLO31F-6
6.0
± 0.12
DLO31F-7
7.0
± 0.14
DLO31F-8
8.0
± 0.16
DLO31F-9
9.0
± 0.18
DLO31F-10
10
± 0.20
DLO31F-12
12
± 0.24
DLO31F-14
14
± 0.28
DLO31F-15
15
± 0.30
DLO31F-20
20
± 0.40
DLO31F-25
25
± 0.50
DLO31F-30
30
± 0.60
DLO31F-35
35
± 0.70
DLO31F-40
40
± 0.80
NOTE: Any dash number
between 2 and 40 not shown
is also available.


Numéro de pièce similaire - DLO31F-15M

FabricantNo de pièceFiches techniqueDescription
logo
Data Delay Devices, Inc...
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO32F-10 DATADELAY-DLO32F-10 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO32F-10A2 DATADELAY-DLO32F-10A2 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO32F-10B2 DATADELAY-DLO32F-10B2 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO32F-10M DATADELAY-DLO32F-10M Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
More results

Description similaire - DLO31F-15M

FabricantNo de pièceFiches techniqueDescription
logo
Data Delay Devices, Inc...
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-36F DATADELAY-DLO-36F Datasheet
112Kb / 1P
   GATED-DELAY LINE OSCILLATOR
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com