Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD0601A Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD0601A
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD0601A Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD0601A Datasheet HTML 1Page - Panasonic Semiconductor 2SD0601A Datasheet HTML 2Page - Panasonic Semiconductor 2SD0601A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: August 2003
SJJ00156BED
Composite Transistors
XP02501 (XP2501)
Silicon NPN epitaxial planar type
For general amplification
■ Features
• Two elements incorporated into one package
(Base-coupled transistors)
• Reduction of the mounting area and assembly cost by one half
■ Basic Part Number
• 2SD0601A (2SD601A) × 2
■ Absolute Maximum Ratings T
a
= 25°C
Unit: mm
Internal Connection
Marking Symbol: 5W
123
4
5
Tr1
Tr2
Note) The part number in the parenthesis shows conventional part number.
■ Electrical Characteristics T
a
= 25°C ± 3°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
60
V
Collector-emitter voltage (Base open)
VCEO
50
V
Emitter-base voltage (Collector open)
VEBO
7V
Collector current
IC
100
mA
Peak collector current
ICP
200
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Ratio between 2 elements
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 060
V
Collector-emitter voltage (Base open)
VCEO
IC
= 2 mA, I
B
= 050
V
Emitter-base voltage (Collector open)
VEBO
IE = 10 µA, IC = 07
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 20 V, IE = 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= 10 V, I
B
= 0
100
µA
Forward current transfer ratio
hFE
VCE = 10 V, IC = 2 mA
160
460
hFE ratio *
hFE(Small/
VCE = 10 V, IC = 2 mA
0.50
0.99
Large)
Collector-emitter saturation voltage
VCE(sat)
IC = 100 mA, IB = 10 mA
0.1
0.3
V
Transition frequency
fT
VCB
= 10 V, I
E
= −2 mA, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
3.5
pF
(Common base, input open circuited)
1: Emitter (Tr1)
4: Collector (Tr2)
2: Base
5: Collector (Tr1)
3: Emitter (Tr2)
EIAJ: SC-88A
SMini5-G1 Package
1
3
2
0.20±0.05
1.3±0.1
2.0±0.1
54
(0.65) (0.65)
0.12
+0.05
–0.02
10˚


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
XP03316 Silicon NPN epitaxial planar type 1  2  3  4  5  Panasonic Semiconductor
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
XN0F256 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5845 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5788 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MT6L03AE TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE 1  2  3  Toshiba Semiconductor
2SD0874A Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
XN06501 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD1706 SILICON NPN EPITAXIAL PLANAR TYPE POWER SWITCHING 1  2  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn