Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LMH6525 Fiches technique(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LMH6525
Description  Four-hannel Laser Diode Driver with Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6525 Fiches technique(HTML) 14 Page - National Semiconductor (TI)

Back Button LMH6525 Datasheet HTML 7Page - National Semiconductor (TI) LMH6525 Datasheet HTML 8Page - National Semiconductor (TI) LMH6525 Datasheet HTML 9Page - National Semiconductor (TI) LMH6525 Datasheet HTML 10Page - National Semiconductor (TI) LMH6525 Datasheet HTML 11Page - National Semiconductor (TI) LMH6525 Datasheet HTML 12Page - National Semiconductor (TI) LMH6525 Datasheet HTML 13Page - National Semiconductor (TI) LMH6525 Datasheet HTML 14Page - National Semiconductor (TI) LMH6525 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Hints (Continued)
OSCILLATOR RESISTORS
The resistors and/or potentiometers used to set oscillator
frequency or amplitude should be as close to the part as
possible. If the grounds are split when using a single-sided
flex circuit, it is essential that these resistors and potentiom-
eters share the same ground as the GNDA pin and decou-
pling capacitor.
THERMAL
As mentioned previously, the primary way to get heat out of
the LLP package is by the large Die Attach Pad at the center
of the part’s underside. On two-layer circuits this can be
done with vias. On single-sided circuits the pad should con-
nect with a copper pour to either the GND pin or, if a better
thermal path can be achieved, with the V
DD pins. Be aware
that the unused pins on the part can also be used to connect
a copper pour area to the Die Attach Pad. Figure 5 Heat
Sinking (with the same orientation as the first layout ex-
ample) shows using the unused pin to provide a thermal path
to copper pour heat sinks. In this layout the analog ground
has been separated from the power ground so pin 7 is not
connected to the Die Attach Paddle even though it would
help remove heat from the part. The above layout is based
on a single-sided circuit board. If a dual-sided circuit board
was used there would also be vias on the Die Attach Pad
that would conduct heat to a copper plane on the bottom side
of the board.
20110121
FIGURE 4. Decoupling Capacitors
20110120
FIGURE 5. Heat Sinking
www.national.com
14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SY100EL1003 LASER DIODE DRIVER WITH OUTPUT ENABLE 1  2  3  4  5  More Micrel Semiconductor
ZL40539 Dual Output CD and DVD 4 Channel Laser Diode Driver 1  2  3  4  5  More Zarlink Semiconductor Inc
SY88822V LASER DIODE DRIVER WITH OUTPUT ENABLE 1  2  3  4  5  Micrel Semiconductor
EL6291C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor
SY100EL1001 LASER DIODE DRIVER WITH INPUT D FLIP-FLOP 1  2  3  4  5  More Micrel Semiconductor
EL6119 Dual 4-Channel Laser Diode Driver Oscillator 1  2  Intersil Corporation
EL6280C Dual Laser Driver with APC Amp 1  2  Elantec Semiconductor
EL6293C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor
VSC7938 Laser Diode Driver with Automatic Power Control 1  2  3  4  5  More Vitesse Semiconductor Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn