Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LMH6525 Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LMH6525
Description  Four-hannel Laser Diode Driver with Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6525 Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  LMH6525 Datasheet HTML 1Page - National Semiconductor (TI) LMH6525 Datasheet HTML 2Page - National Semiconductor (TI) LMH6525 Datasheet HTML 3Page - National Semiconductor (TI) LMH6525 Datasheet HTML 4Page - National Semiconductor (TI) LMH6525 Datasheet HTML 5Page - National Semiconductor (TI) LMH6525 Datasheet HTML 6Page - National Semiconductor (TI) LMH6525 Datasheet HTML 7Page - National Semiconductor (TI) LMH6525 Datasheet HTML 8Page - National Semiconductor (TI) LMH6525 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LMH6525/LMH6526
Four–Channel Laser Diode Driver with Dual Output
General Description
The LMH6525/6526 is a laser diode driver for use in
combination DVD/CD recordable and rewritable systems.
The part contains two high-current outputs for reading and
writing the DVD (650 nm) and CD (780 nm) lasers. Func-
tionality includes read, write and erase through four separate
switched current channels. The channel currents are
summed together at the selected output to generate multi-
level waveforms for reading, writing and erasing of optical
discs. The LVDS interface delivers DVD write speeds of 16x
and higher while minimizing noise and crosstalk. The
LMH6525/6526 is optimized for both speed and power con-
sumption to meet the demands of next generation systems.
The part features a 150 mA read channel plus one 300 mA
and two 150 mA write channels, which can be summed to
allow a total output current of 600 mA or greater. The chan-
nel currents are set through four independent current inputs.
An on-board High-Frequency Modulator (HFM) oscillator
helps reduce low-frequency noise of the laser and is enabled
by applying LVDS levels on the ENOSC pins for the
LMH6525, while the LMH6526 is enabled by applying an
asymmetrical signal on the ENOSC pin. The fully differential
oscillator circuit minimizes supply line noise, easing FCC
approval of the overall system. The SELA/B pin (active
HIGH) selects the output channel and oscillator settings.
External resistors determine oscillator frequency and ampli-
tude for each setting. The write and erase channels can be
switched on and off through dedicated LVDS interface pins.
Features
n
Fast switching: Rise and fall times: 0.6/1.0 ns.
n
Low Voltage Differential Signaling (LVDS) channels
enable interface for the fast switching lines
n
Low output current noise: 0.24 nA/
n
Dual Output: Selectable by SELA/B pin (active HIGH)
SELA = LMH6526
SELB = LMH6525
n
Four independent current channels
Gain of 300, 300 mA write channel
Gain of 150, 150 mA low-noise read channel
Two gain of 150, 150 mA write channels
600 mA minimum combined output current
n
Integrated AC Coupled HFM Oscillator
Selectable frequency and amplitude setting
by external resistors
200 MHz to 600 MHz frequency range
Amplitude to 100 mA peak-to-peak modulation
n
Complete shutdown by ENABLE pin
n
5V single-supply operation
n
Logic inputs TTL and CMOS compatible
n
Space saving Leadless Leadframe Package (LLP®-28)
n
LMH6525 has differential enable oscillator inputs
n
LMH6526 has single ended enable oscillator inputs
Applications
n
Combination DVD/CD recordable and rewritable drives
n
DVD camcorders
n
DVD recorders
Block Diagrams
20110108
20110109
LLP® is a registered trademark of National Semiconductor.
LMHis a trademark of National Semiconductor Corporation.
June 2005
© 2005 National Semiconductor Corporation
DS201101
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SY100EL1003 LASER DIODE DRIVER WITH OUTPUT ENABLE 1  2  3  4  5  More Micrel Semiconductor
ZL40539 Dual Output CD and DVD 4 Channel Laser Diode Driver 1  2  3  4  5  More Zarlink Semiconductor Inc
SY88822V LASER DIODE DRIVER WITH OUTPUT ENABLE 1  2  3  4  5  Micrel Semiconductor
EL6291C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor
SY100EL1001 LASER DIODE DRIVER WITH INPUT D FLIP-FLOP 1  2  3  4  5  More Micrel Semiconductor
EL6119 Dual 4-Channel Laser Diode Driver Oscillator 1  2  Intersil Corporation
EL6280C Dual Laser Driver with APC Amp 1  2  Elantec Semiconductor
EL6293C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor
VSC7938 Laser Diode Driver with Automatic Power Control 1  2  3  4  5  More Vitesse Semiconductor Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn