Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LMH6525 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LMH6525
Description  Four-hannel Laser Diode Driver with Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6525 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LMH6525 Datasheet HTML 1Page - National Semiconductor (TI) LMH6525 Datasheet HTML 2Page - National Semiconductor (TI) LMH6525 Datasheet HTML 3Page - National Semiconductor (TI) LMH6525 Datasheet HTML 4Page - National Semiconductor (TI) LMH6525 Datasheet HTML 5Page - National Semiconductor (TI) LMH6525 Datasheet HTML 6Page - National Semiconductor (TI) LMH6525 Datasheet HTML 7Page - National Semiconductor (TI) LMH6525 Datasheet HTML 8Page - National Semiconductor (TI) LMH6525 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Connection Diagrams
28-Pin LLP (LMH6525)
28-Pin LLP (LMH6526)
20110106
Top View
20110107
Top View
Pin Description
Pin #
Description
Remarks
1.
Laser driver output channel A
2.
LVDS Oscillator Enable pin
Internal Oscillator activated if logical input is high
3.
LVDS Oscillator Enable pin B (only LMH6525)
Internal Oscillator activated if logical input is low
4.
Read Channel Enable pin
Read Channel active if pin is high
5.
Chip Enable pin
Chip Enabled if pin is high
6.
Supply Voltage A
7.
Ground Connection A
8.
Read Channel current setting
1 mA input current result in 150 mA output current
9.
Channel 2 current setting
1 mA input current result in 300 mA output current
10.
Channel 3 current setting
1 mA input current result in 150 mA output current
11.
Channel 4 current setting
1 mA input current result in 150 mA output current
12.
Oscillator Frequency setting Channel A
Set by external resistor to ground
13.
Oscillator Frequency setting Channel B
Set by external resistor to ground
14.
Oscillator Amplitude setting Channel A
Set by external resistor to ground
15.
Oscillator Amplitude setting Channel B
Set by external resistor to ground
16.
Channel select B (LMH6525)
Channel select A (LMH6526)
Channel selected if pin is high
17.
LVDS input Channel 2B
Channel 2 active if logical input is low
18.
LVDS input Channel 2
Channel 2 active if logical input is high
19.
LVDS input Channel 3B
Channel 3 active if logical input is low
20.
LVDS input Channel 3
Channel 3 active if logical input is high
21.
LVDS input Channel 4B
Channel 4 active if logical input is low
22.
LVDS input Channel 4
Channel 4 active if logical input is high
23.
NC
24.
Supply Voltage
25.
Supply Voltage
26.
Supply Voltage
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SY100EL1003 LASER DIODE DRIVER WITH OUTPUT ENABLE 1  2  3  4  5  More Micrel Semiconductor
ZL40539 Dual Output CD and DVD 4 Channel Laser Diode Driver 1  2  3  4  5  More Zarlink Semiconductor Inc
SY88822V LASER DIODE DRIVER WITH OUTPUT ENABLE 1  2  3  4  5  Micrel Semiconductor
EL6291C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor
SY100EL1001 LASER DIODE DRIVER WITH INPUT D FLIP-FLOP 1  2  3  4  5  More Micrel Semiconductor
EL6119 Dual 4-Channel Laser Diode Driver Oscillator 1  2  Intersil Corporation
EL6280C Dual Laser Driver with APC Amp 1  2  Elantec Semiconductor
EL6293C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor
VSC7938 Laser Diode Driver with Automatic Power Control 1  2  3  4  5  More Vitesse Semiconductor Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn