Moteur de recherche de fiches techniques de composants électroniques |
|
TS5A4624DCKTE4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
TS5A4624DCKTE4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 24 page www.ti.com Electrical Characteristics for 5-V Supply (1) (Continued) TS5A4624 1- Ω SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SLYS014 – DECEMBER 2005 V + = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25 °C 5 V 4 12 22 VCOM = V+, CL = 35 pF, Turn-on time tON ns 4.5 V to RL = 50 Ω, See Figure 17 Full 2 25 5.5 V 25 °C 5 V 1 5 8 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns 4.5 V to RL = 50 Ω, See Figure 17 Full 1 10 5.5 V 25 °C 5 V 1 8 13 Break-before- VNC = VNO = V+, CL = 35 pF, tBBM ns 4.5 V to make time RL = 50 Ω, See Figure 18 Full 1 15 5.5 V VGEN = 0, CL = 1 nF, Charge injection QC 25 °C 5 V 15.5 pC RGEN = 0, See Figure 22 NC, NO CNC(OFF), VNC or VNO = V+ or GND, OFF See Figure 16 25 °C 5 V 18 pF CNO(OFF) Switch OFF, capacitance NC, NO CNC(ON), VNC or VNO = V+ or GND, See Figure 16 25 °C 5 V 55 pF ON capacitance CNO(ON) Switch ON, COM VCOM = V+ or GND, CCOM(ON) See Figure 16 25 °C 5 V 55 pF ON capacitance Switch ON, Digital input CI VI = V+ or GND, See Figure 16 25 °C 5 V 2 pF capacitance RL = 50 Ω, Bandwidth BW See Figure 19 25 °C 5 V 90 MHz Switch ON, RL = 50 Ω, Switch OFF, OFF isolation OISO 25 °C 5 V –63 dB f = 1 MHz, See Figure 20 RL = 50 Ω, Switch ON, Crosstalk XTALK 25 °C 5 V –63 dB f = 1 MHz, See Figure 21 Total harmonic RL = 600 Ω, f = 200 Hz to 20 kHz, THD 25 °C 5 V 0.004 % distortion CL = 50 pF, See Figure 23 Supply 25 °C 10 50 Positive supply I+ VI = V+ or GND, Switch ON or OFF 5.5 V nA current Full 500 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum 5 |
Numéro de pièce similaire - TS5A4624DCKTE4 |
|
Description similaire - TS5A4624DCKTE4 |