Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC503TBL1-30G-A Fiches technique(PDF) 1 Page - Marktech Corporate

No de pièce LC503TBL1-30G-A
Description  5mm Blue InGaN LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503TBL1-30G-A Fiches technique(HTML) 1 Page - Marktech Corporate

  LC503TBL1-30G-A Datasheet HTML 1Page - Marktech Corporate LC503TBL1-30G-A Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5mm Blue InGaN LED
LC503TBL1−30G−A
Features
5mm Package
High Optical Power
High Luminous Intensity
Water Clear Lens
All Plastic Mold Type
Applications
Outdoor Message Centers
VMS
Automotive Interior Lighting
Traffic Signals
Pedestrian Signals
Decorative Lighting
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
100.00
mW
Operating Temperature
Topr
−40 ~ +95
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
3.40
4.00
V
Reverse Current
IR
VR=5V
100
µA
Luminous Intensity
IV
IF=20mA
1520.00
2100.00
mcd
Viewing Angle
2
θ1/2
30
o
deg.
Peak Wavelength
λp
IF=20mA
465
nm
Dominant Wavelength
λd
IF=20mA
470
nm
Spectral Line Half Width
∆λ
IF=20mA
28
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Numéro de pièce similaire - LC503TBL1-30G-A

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC503TBL1-30H-A MARKTECH-LC503TBL1-30H-A Datasheet
208Kb / 2P
   5mm Blue InGaN LED
logo
Cree, Inc
LC503TBL1-30P-A1 CREE-LC503TBL1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TBL1-30Q-A1 CREE-LC503TBL1-30Q-A1 Datasheet
339Kb / 5P
   5-mm Round LED
More results

Description similaire - LC503TBL1-30G-A

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC503TBL1-30H-A MARKTECH-LC503TBL1-30H-A Datasheet
208Kb / 2P
   5mm Blue InGaN LED
LC503QBL1-30H MARKTECH-LC503QBL1-30H Datasheet
209Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503PBL1-15Q MARKTECH-LC503PBL1-15Q Datasheet
209Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503QBL1-15H-A MARKTECH-LC503QBL1-15H-A Datasheet
357Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503QBL1-15G-A MARKTECH-LC503QBL1-15G-A Datasheet
344Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503TBG1-30G-A MARKTECH-LC503TBG1-30G-A Datasheet
54Kb / 2P
   5mm Blue−Green InGaN LED
LC503PBL1-30Q-A MARKTECH-LC503PBL1-30Q-A Datasheet
212Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503TBG1-30H-A MARKTECH-LC503TBG1-30H-A Datasheet
55Kb / 2P
   5mm Blue−Green InGaN LED
LC503QBL1-30H-A MARKTECH-LC503QBL1-30H-A Datasheet
210Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503TPG1-30G-A MARKTECH-LC503TPG1-30G-A Datasheet
207Kb / 2P
   5mm Green InGaN LED
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com