Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC307THR1-30Q-A Fiches technique(PDF) 2 Page - Marktech Corporate

No de pièce LC307THR1-30Q-A
Description  InGaAlP Red Ultra Bright 3mm LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC307THR1-30Q-A Fiches technique(HTML) 2 Page - Marktech Corporate

  LC307THR1-30Q-A Datasheet HTML 1Page - Marktech Corporate LC307THR1-30Q-A Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
InGaAlP Red Ultra Bright 3mm LED
LC307THR1−30Q−A Graphs
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Numéro de pièce similaire - LC307THR1-30Q-A

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC307TYL1-30Q-A MARKTECH-LC307TYL1-30Q-A Datasheet
51Kb / 2P
   InGaAlP Yellow Ultra Bright 3mm LED
More results

Description similaire - LC307THR1-30Q-A

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC307TYL1-30Q-A MARKTECH-LC307TYL1-30Q-A Datasheet
51Kb / 2P
   InGaAlP Yellow Ultra Bright 3mm LED
LO565THR4-B0G MARKTECH-LO565THR4-B0G Datasheet
218Kb / 2P
   Ultra Bright InGaAlP Red Elliptical LED
LP377AHR1-70G MARKTECH-LP377AHR1-70G Datasheet
210Kb / 2P
   P4 InGaAlP Red Ultra Bright LED
MT1303-UHR MARKTECH-MT1303-UHR Datasheet
379Kb / 2P
   Ultra Bright Red 3mm LED
LC307PYO1-30Q-A MARKTECH-LC307PYO1-30Q-A Datasheet
52Kb / 2P
   InGaAlP Yellow−Orange Ultra Bright 3mm LED
LP377TRO1-70G MARKTECH-LP377TRO1-70G Datasheet
61Kb / 2P
   P4 InGaAlP Red−Orange Ultra Bright LED
logo
OptoSupply Internationa...
OS5RKA3131A OPTOSUPPLY-OS5RKA3131A Datasheet
110Kb / 1P
   3mm Round Ultra Bright Red LED
OS5RKA3131A OPTOSUPPLY-OS5RKA3131A Datasheet
110Kb / 1P
   3mm Round Ultra Bright Red LED
logo
Marktech Corporate
LP378TYL1-C0G MARKTECH-LP378TYL1-C0G Datasheet
230Kb / 2P
   P4 Yellow InGaAlP Ultra Bright LED
LP377RBL1-70G MARKTECH-LP377RBL1-70G Datasheet
21Kb / 2P
   P4 InGaAlP Blue Ultra Bright LED
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com