Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AO8816 Fiches technique(PDF) 1 Page - Alpha & Omega Semiconductors

No de pièce AO8816
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO8816 Fiches technique(HTML) 1 Page - Alpha & Omega Semiconductors

  AO8816 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO8816 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO8816 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO8816 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
64
83
89
120
RθJL
53
70
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±12
Gate-Source Voltage
Drain-Source Voltage
30
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
6
30
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
1.5
1
-55 to 150
TA=70°C
ID
8
AO8816
Common-Drain Dual N-Channel Enhancement Mode Field
Effect Transistor
Features
VDS (V) = 30V
ID = 8 A (VGS = 10V)
RDS(ON) < 15mΩ (VGS = 10V)
RDS(ON) < 17mΩ (VGS = 4.5)
RDS(ON) < 23mΩ (VGS = 2.5V)
General Description
The AO8816 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a load switch or in PWM
applications. Standard Product AO8816 is Pb-free
(meets ROHS & Sony 259 specifications). AO8816L
is a Green Product ordering option. AO8816 and
AO8816L are electrically identical.
G1
S1
S1
D1/D2
G2
S2
S2
D1/D2
1
2
3
4
8
7
6
5
TSSOP-8
Top View
G1
D1
S1
G2
D2
S2
Alpha & Omega Semiconductor, Ltd.


Numéro de pièce similaire - AO8816

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AO8810 AOSMD-AO8810 Datasheet
117Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8810 AOSMD-AO8810 Datasheet
221Kb / 5P
   20V Common-Drain Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO8810 VBSEMI-AO8810 Datasheet
963Kb / 8P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO8810L AOSMD-AO8810L Datasheet
117Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8810 AOSMD-AO8810_12 Datasheet
221Kb / 5P
   20V Common-Drain Dual N-Channel MOSFET
More results

Description similaire - AO8816

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8804 AOSMD-AO8804 Datasheet
379Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO8802 ETC-AO8802 Datasheet
353Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com