Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65568 Fiches technique(PDF) 75 Page - ELAN Microelectronics Corp

No de pièce EM65568
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568 Fiches technique(HTML) 75 Page - ELAN Microelectronics Corp

Back Button EM65568 Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 72Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 73Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 74Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 75Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 76Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 77Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 78Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 79Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
75
(d)
The contents of Display RAM data are maintained.
(e)
The operational mode maintains the state of command execution before executing power saving command.
AMPON Command
The internal OP-AMP circuit block (voltage regulator, electronic volume, and voltage conversion circuit) is set ON/OFF by
this command.
AMPON = “0”: The internal OP-AMP circuit OFF
AMPON = ”1”: The internal OP-AMP circuit ON
8.2.9 LCD Duty (DS)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
1
0
0
DS3 DS2 DS1 DS0
0
1
1
0
0
0
0
(At the time of reset: {DS3, DS2, DS1, DS0}=0H, read address: CH)
Mark shows “Don’t care”
The DS register set to LCD display duty.
DS3
DS2
DS1
DS0
Display width and Duty
0
0
0
0
8-dot width display in Y-direction, 1/10 duty
0
0
0
1
16-dot width display in Y-direction, 1/18 duty
0
0
1
0
24-dot width display in Y-direction, 1/26 duty
0
0
1
1
32-dot width display in Y-direction, 1/34 duty
0
1
0
0
40-dot width display in Y-direction, 1/42 duty
0
1
0
1
48-dot width display in Y-direction, 1/50 duty
0
1
1
0
56-dot width display in Y-direction, 1/58 duty
0
1
1
1
64-dot width display in Y-direction, 1/66 duty
1
0
0
0
72-dot width display in Y-direction, 1/74 duty
1
0
0
1
80-dot width display in Y-direction, 1/82 duty
1
0
1
0
88-dot width display in Y-direction, 1/90 duty
1
0
1
1
96-dot width display in Y-direction, 1/98 duty
1
1
0
0
104-dot width display in Y-direction, 1/106 duty
1
1
0
1
112-dot width display in Y-direction, 1/114 duty
1
1
1
0
120-dot width display in Y-direction, 1/122duty
1
1
1
1
128-dot width display in Y-direction, 1/130 duty
Partial display can be made possible by setting an arbitrary duty ratio.
8.2.10 Booster Setup (VU)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
1
0
0
VU2 VU1 VU0
0
1
1
0
0
0
0
(At the time of reset: {VU2,VU1,VU0}=0H, read address: DH)
Mark shows “Don’t care”
The booster steps set to VU register


Numéro de pièce similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65565AAGH EMC-EM65565AAGH Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AF EMC-EM65567AF Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AGH EMC-EM65567AGH Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
More results

Description similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Generalplus Technology ...
GPLD1120D GENERALPLUS-GPLD1120D Datasheet
980Kb / 32P
   120-channel SEG/COM STN LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com