Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65565A Fiches technique(PDF) 20 Page - ELAN Microelectronics Corp

No de pièce EM65565A
Description  65 COM/ 132 SEG STN LCD Driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65565A Fiches technique(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM65565A Datasheet HTML 16Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 17Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 18Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 19Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 20Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 21Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 22Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 23Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
EM65565A
65 COM/132SEG STN LCD Driver
14
Product Specification (V1.0) 06.06.2005
(This specification is subject to change without further notice)
/WR
DATA
BUS
Holder
/WR
MPU
Internal
Timing
N
N+1
N+2
N+3
N
N+1
N+2
N+3
Latch
N
N+1
N+2
N+3
/WR
DATA
MPU
RD
BUS
Holder
Internal
Timing
Address
Preset
Read
Signal
Column
Address
N
Increment N+1
N+2
nn+1
n+2
Address Set
#n
Dummy
Read
Data Read
#n
Data Read
#n+1
Fig. 3 DDRAM Read Sequence
6.1.5 Page Address Circuit
The page address of the DDRAM is specified through the Page Address Set
Command. The page address must be specified again when changing pages to
perform access. Page address 8 is the page for the RAM region used only by the static
indicators, and only the display data D0 is used.
6.1.6 Line Address Circuit
The line address circuit specifies the line address corresponding to the common output
when the DDRAM contents are displayed. Using the display start line address set
command, the normally the top line of the display can be specified (which is the COM0
output when the common output mode is normal, and the COM63 output for the
EM65565A when the common output mode is reversed. The display area is a 65 lines
area for the EM65565A from the display start line address.
If the line address is changed dynamically using the display start line address set
command, screen scrolling, page swapping, etc. can be performed.


Numéro de pièce similaire - EM65565A

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AF EMC-EM65567AF Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AGH EMC-EM65567AGH Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65568 EMC-EM65568 Datasheet
1Mb / 112P
   130 COM/ 128 SEG 4096 Color STN LCD Driver
EM65568AF EMC-EM65568AF Datasheet
1Mb / 112P
   130 COM/ 128 SEG 4096 Color STN LCD Driver
More results

Description similaire - EM65565A

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
logo
Samsung semiconductor
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B1713 SAMSUNG-S6B1713 Datasheet
419Kb / 70P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com