Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4741A Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 1N4741A
Description  COLOR BAND DENOTES CATHODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4741A Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  1N4741A Datasheet HTML 1Page - Fairchild Semiconductor 1N4741A Datasheet HTML 2Page - Fairchild Semiconductor 1N4741A Datasheet HTML 3Page - Fairchild Semiconductor 1N4741A Datasheet HTML 4Page - Fairchild Semiconductor 1N4741A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
1N4728A - 1N4764A Rev. G2
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Max. Zener Impedance
Leakage Current
Min.
Typ.
Max.
ZZ @ IZ
(
Ω)
ZZK @
IZK (Ω)
IZK
(mA)
IR
(
µA)
VR
(V)
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
20.9
22.8
25.65
28.5
31.35
22
24
27
30
33
23.1
25.2
28.35
31.5
34.65
11.5
10.5
9.5
8.5
7.5
23
25
35
40
45
750
750
750
1000
1000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
16.7
18.2
20.6
22.8
25.1
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
34.2
37.05
40.85
44.65
48.45
36
39
43
47
51
37.8
40.95
45.15
49.35
53.55
7
6.5
6
5.5
5
50
60
70
80
95
1000
1000
1500
1500
1500
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
27.4
29.7
32.7
35.8
38.8
1N4758A
1N4759A
1N4760A
1N4761A
1N4762A
53.2
58.9
64.6
71.25
77.9
56
62
68
75
82
58.8
65.1
71.4
78.75
86.1
4.5
4
3.7
3.3
3
110
125
150
175
200
2000
2000
2000
2000
3000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
42.6
47.1
51.7
56
62.2
1N4763A
1N4764A
86.45
95
91
100
95.55
105
2.8
2.5
250
350
3000
3000
0.25
0.25
5
5
69.2
76


Numéro de pièce similaire - 1N4741A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1N4741A PHILIPS-1N4741A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4741A VISHAY-1N4741A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
1N4741A VISHAY-1N4741A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Anova Technologies CO.,...
1N4741A ANOVA-1N4741A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4741A ETC1-1N4741A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Description similaire - 1N4741A

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
G105C NJSEMI-G105C Datasheet
80Kb / 1P
   Color band denotes cathode end
logo
Yea Shin Technology Co....
B5819WSFL YEASHIN-B5819WSFL Datasheet
202Kb / 3P
   Band Indicates Cathode
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Lucky Light Electronic
GB-419 LUCKY-LIGHT-GB-419 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
logo
List of Unclassifed Man...
209EGW ETC-209EGW Datasheet
117Kb / 5P
   3.0MM BI - COLOR (MULTI-COLOR) WITH COMMON CATHODE LEDS T-1
logo
Sony Corporation
CXA2039M SONY-CXA2039M Datasheet
133Kb / 11P
   Base Band Hue/Color Control
logo
Communications & Power ...
3CX10-000U7 CPI-3CX10-000U7 Datasheet
113Kb / 1P
   Cathode driven low band TV linear RF amplifier
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Wurth Elektronik GmbH &...
150141RS73140 WURTH-150141RS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
150141BS73140 WURTH-150141BS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com