Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS74116J-12I Fiches technique(PDF) 6 Page - GSI Technology

No de pièce GS74116J-12I
Description  256K x 16 4Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74116J-12I Fiches technique(HTML) 6 Page - GSI Technology

Back Button GS74116J-12I Datasheet HTML 2Page - GSI Technology GS74116J-12I Datasheet HTML 3Page - GSI Technology GS74116J-12I Datasheet HTML 4Page - GSI Technology GS74116J-12I Datasheet HTML 5Page - GSI Technology GS74116J-12I Datasheet HTML 6Page - GSI Technology GS74116J-12I Datasheet HTML 7Page - GSI Technology GS74116J-12I Datasheet HTML 8Page - GSI Technology GS74116J-12I Datasheet HTML 9Page - GSI Technology GS74116J-12I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Rev: 2.02 3/2000
6/14
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
N
GS74116TP/J/U
AC Characteristics
* These parameters are sampled and are not 100% tested
Read Cycle 1: CE = OE = VIL, WE = VIH, UB and, or LB = VIL
Read Cycle
Parameter
Symbol
-8
-10
-12
-15
Unit
Min Max Min Max Min Max Min Max
Read cycle time
tRC
8
---
10
---
12
---
15
---
ns
Address access time
tAA
---
8
---
10
---
12
---
15
ns
Chip enable access time (CE)
tAC
---
8
---
10
---
12
---
15
ns
Byte enable access time (UB, LB)
tAB
---
3.5
---
4
---
5
---
6
ns
Output enable to output valid (OE)
tOE
---
3.5
---
4
---
5
---
6
ns
Output hold from address change
tOH
3
---
3
---
3
---
3
---
ns
Chip enable to output in low Z (CE)
tLZ*
3
---
3
---
3
---
3
---
ns
Output enable to output in low Z (OE)
tOLZ*
0
---
0
---
0
---
0
---
ns
Byte enable to output in low Z (UB, LB)
tBLZ*
0
---
0
---
0
---
0
---
ns
Chip disable to output in High Z (CE)
tHZ*
---
4
---
5
---
6
---
7
ns
Output disable to output in High Z (OE)
tOHZ*
---
3.5
---
4
---
5
---
6
ns
Byte disable to output in High Z (UB, LB)
tBHZ*
---
3.5
---
4
---
5
---
6
ns
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid


Numéro de pièce similaire - GS74116J-12I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10I GSI-GS74116AGP-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results

Description similaire - GS74116J-12I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com