Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN3384 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FIN3384
Description  Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3384 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FIN3384 Datasheet HTML 4Page - Fairchild Semiconductor FIN3384 Datasheet HTML 5Page - Fairchild Semiconductor FIN3384 Datasheet HTML 6Page - Fairchild Semiconductor FIN3384 Datasheet HTML 7Page - Fairchild Semiconductor FIN3384 Datasheet HTML 8Page - Fairchild Semiconductor FIN3384 Datasheet HTML 9Page - Fairchild Semiconductor FIN3384 Datasheet HTML 10Page - Fairchild Semiconductor FIN3384 Datasheet HTML 11Page - Fairchild Semiconductor FIN3384 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.fairchildsemi.com
8
Receiver DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Note 16)
Note 16: All Typical values are at TA
25
qC and with VCC 3.3V. Positive current values refer to the current flowing into device and negative values means
current flowing out of pins. Voltage are referenced to ground unless otherwise specified (except
'VOD and VOD).
Note 17: The power supply current for the receiver can be different with the number of active I/O channels.
Note 18: Total channel latency from Sewrializer to deserializer is (T
 tTCCD). There is the clock period.
Note 19: Receiver skew margin is defined as the valid sampling window after considering potential setup/hold time and minimum/maximum bit position.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
LVTTL/CMOS DC Characteristics
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
VOH
Output High Voltage
IOH 0.4 mA
2.7
3.3
V
VOL
Output Low Voltage
IOL 2mA
0.06
0.3
V
VIK
Input Clamp Voltage
IIK 18 mA
0.79
1.5
V
IIN
Input Current
VIN 0V to 4.6V
10.0
10.0
PA
IOFF
Input/Output Power Off Leakage Current
VCC 0V,
r10.0
PA
All LVTTL Inputs/Outputs 0V to 4.6V
IOS
Output Short Circuit Current
VOUT 0V
60.0
120
mA
Receiver LVDS Input Characteristics
VTH
Differential Input Threshold HIGH
Figure 2, Table 2
100
mV
VTL
Differential Input Threshold LOW
Figure 2, Table 2
100
mV
VICM
Input Common Mode Range
Figure 2, Table 2
0.05
2.35
V
IIN
Input Current
VIN 2.4V, VCC 3.6V or 0V
r10.0
PA
VIN 0V, VCC 3.6V or 0V
r10.0
PA
Receiver Supply Current
ICCWR
4:28 Receiver Power Supply Current
32.5 MHz
70.0
mA
for Worst Case Pattern (With Load)
CL 8 pF,
40.0 MHz
75.0
(Note 17)
See Figure 3
66.0 MHz
114
85.0 MHz
135
ICCWR
3:21 Receiver Power Supply Current
32.5 MHz
49.0
60.0
mA
for Worst Case Pattern (With Load)
CL 8 pF,
40.0 MHz
53.0
65.0
(Note 17)
See Figure 3
66.0 MHz
78.0
100
85.0 MHz
90.0
115
ICCPDT
Powered Down Supply Current
PwrDn
0.8V (RxOut stays LOW)
NA
55.0
PA
tRCOP
Receiver Clock Output (RxCLKOut) Period
11.76
T
50.0
tRCOL
RxCLKOut LOW Time
See Figure 8
4.0
5.0
6.0
ns
tRCOH
RxCLKOut HIGH Time
(f
85MHz)
4.5
5.0
6.5
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(Rising Edge Strobe)
3.5
ns
tRHRC
RxOut Valid After RxCLKOut
3.5
ns
tROLH
Output Rise Time (20% to 80%)
CL 8 pF,
2.0
3.5
ns
tROHL
Output Fall Time (80% to 20%)
See Figure 4
1.8
3.5
ns
tRCCD
Receiver Clock Input to Clock Output Delay
See Figure 20, (Note 18)
3.5
5.0
7.5
ns
TA 25qC and VCC 3.3V
tRPDD
Receiver Power-Down Delay
See Figure 13
1.0
Ps
tRSPB0
Receiver Input Strobe Position of Bit 0
0.49
0.84
1.19
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
2.17
2.52
2.87
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
3.85
4.20
4.55
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
See Figure 17 (f
85MHz)
5.53
5.88
6.23
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
7.21
7.56
7.91
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
8.89
9.24
9.59
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
10.57
10.92
11.27
ns
tRSKM
RxIN Skew Margin
See Figure 17, (Note 19)
290
ps
tRPLLS
Receiver Phase Lock Loop Set Time
See Figure 11
10.0
ms


Numéro de pièce similaire - FIN3384

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN3383 FAIRCHILD-FIN3383 Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3383MTD FAIRCHILD-FIN3383MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385 Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
More results

Description similaire - FIN3384

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com