Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFPF20UP20DP Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FFPF20UP20DP
Description  Ultrafast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UP20DP Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FFPF20UP20DP Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UP20DP Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UP20DP Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UP20DP Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UP20DP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FFPF20UP20DP Rev. A
FFPF20UP20DP
Ultrafast Recovery Power Rectifier
Features
• Ultrafast with Soft Recovery : < 45ns (@IF = 10A)
• High Reverse Voltage : VRRM = 200V
• Enhanced Avalanche Energy Rated
• Planar Construction
Applications
• Output Rectifiers
• Switching Mode Power Supply
• Free-wheeling Diode
• Power Switching Circuits
Absolute Maximum Ratings (per diode) T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
200
V
VRWM
Working Peak Reverse Voltage
200
V
VR
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
@ TC = 115°C10
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
100
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Max
Units
RθJC
Maximum Thermal Resistance, Junction to Case
4.3
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F20UP20DP
FFPF20UP20DPTU
TO-220F
-
-
50
1.Anode 2.Cathode 3.Anode
1
TO-220F
1. Cathode 2. Anode 3. Cathode
1
2
3
February 2006


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FFPF20UP30DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFAF30U20DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFP12UP20DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
MSRD620CT SWITCHMODE Soft Ultrafast Recovery Power Rectifier 1  2  3  4  5  More ON Semiconductor
FFP20UP20DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFPF20UP20S Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFPF12UP20DP Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFPF30UP20DP Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFP30UP20DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFPF20UP30S Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn