Moteur de recherche de fiches techniques de composants électroniques |
|
SI5461EDC Fiches technique(PDF) 4 Page - Vishay Siliconix |
|
SI5461EDC Fiches technique(HTML) 4 Page - Vishay Siliconix |
4 / 5 page Si5461EDC Vishay Siliconix www.vishay.com 2-4 Document Number: 71413 S-21251—Rev. C, 05-Aug-02 TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0 30 50 10 20 Single Pulse Power Time (sec) 40 1 100 600 10 10--1 10--2 10--3 10--3 10--2 1 10 600 10--1 10--4 100 --0.2 --0.1 0.0 0.1 0.2 0.3 0.4 --50 --25 0 25 50 75 100 125 150 ID = 250 mA 2 1 0.1 0.01 0.2 0.1 0.05 0.02 Single Pulse Duty Cycle = 0.5 Threshold Voltage TJ -- Temperature (_C) Normalized Thermal Transient Impedance, Junction-to-Ambient Square Wave Pulse Duration (sec) 1. Duty Cycle, D = 2. Per Unit Base = RthJA =80_C/W 3. TJM -- TA =PDMZthJA(t) t1 t2 t1 t2 Notes: 4. Surface Mounted PDM VGS -- Gate-to-Source Voltage (V) 0.0001 10 10,000 0.1 1 Gate-Source Voltage vs. Gate Current 1,000 1 100 10 0.10 0 200 400 600 800 1000 02468 10 12 TA =25_C Gate-Source Voltage vs. Gate Current VGS -- Gate-to-Source Voltage (V) 100 0.01 0.001 IGSS (mA) IGSS (mA) 150_C 25_C |
Numéro de pièce similaire - SI5461EDC |
|
Description similaire - SI5461EDC |