Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ATR0808 Fiches technique(PDF) 5 Page - ATMEL Corporation

No de pièce ATR0808
Description  Three Channel Laser Driver with RF Oscillator and Two Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0808 Fiches technique(HTML) 5 Page - ATMEL Corporation

  ATR0808 Datasheet HTML 1Page - ATMEL Corporation ATR0808 Datasheet HTML 2Page - ATMEL Corporation ATR0808 Datasheet HTML 3Page - ATMEL Corporation ATR0808 Datasheet HTML 4Page - ATMEL Corporation ATR0808 Datasheet HTML 5Page - ATMEL Corporation ATR0808 Datasheet HTML 6Page - ATMEL Corporation ATR0808 Datasheet HTML 7Page - ATMEL Corporation ATR0808 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ATR0808
4724ES–DVD–01/04
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
-0.5 to +6.0
V
Input voltage at any input
V
in
-0.5 to V
CC +0.5
V
Power dissipation
P
max
0.7
(1) to 1(2)
W
Output voltage
V
out
-0.5 to V
CC -1
V
Junction temperature
T
j
150
°C
Storage temperature
T
stg
-65 to +125
°C
Notes:
1. R
thJA ≤115 K/W at Tamb = 70°C
2. R
thJA ≤115 K/W at Tamb = 25°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
115
(1)
K/W
Note:
1. Measured with multi-layer test board (JEDEC standard)
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
4.5 to 5.5
V
Input current
I
IR, II2, II3
I
IR < 2.0, II2 = II3 < 1.5
mA
External resistor to GND to set oscillator
frequency
RF
> 3
k
External resistor to GND to set oscillator swing
RSA, RSB
> 1
k
Operating temperature range
T
amb
0 to +70
°C


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn