Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ATR0808 Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce ATR0808
Description  Three Channel Laser Driver with RF Oscillator and Two Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0808 Fiches technique(HTML) 3 Page - ATMEL Corporation

  ATR0808 Datasheet HTML 1Page - ATMEL Corporation ATR0808 Datasheet HTML 2Page - ATMEL Corporation ATR0808 Datasheet HTML 3Page - ATMEL Corporation ATR0808 Datasheet HTML 4Page - ATMEL Corporation ATR0808 Datasheet HTML 5Page - ATMEL Corporation ATR0808 Datasheet HTML 6Page - ATMEL Corporation ATR0808 Datasheet HTML 7Page - ATMEL Corporation ATR0808 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ATR0808
4724ES–DVD–01/04
Pin Configuration SSO16
Figure 2. Pinning SSO16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IR
I2
I3
RF
NE2
NE3
ENABLE
ENOSC
VCC1
IOUTA
GND
RSA
RSB
IOUTB
SELA
VCC2
Pin Description
Pin
Symbol
Type
Function
1
IR
Analog
Input current, bias voltage approximately GND
2
I2
Analog
Input current, bias voltage approximately GND
3
I3
Analog
Input current, bias voltage approximately GND
4
RF
Analog
External resistor to GND sets frequency of oscillator
5
NE2
Digital
Digital control of channel 2 (low active)
6
NE3
Digital
Digital control of channel 3 (low active)
7
ENABLE
Digital
Enables output current (high active)
8
ENOSC
Digital
Enables RF oscillator (high active)
9
VCC2
Supply
+5 V power supply for IOUT
10
SELA
Digital
High: selects IOUTA, RSA
Low: selects IOUTB, RSB
11
IOUTB
Analog
Output current source B for laser diode
12
RSB
Analog
External resistor to GND sets swing of oscillator B
13
RSA
Analog
External resistor to GND sets swing of oscillator A
14
GND
Supply
Ground
15
IOUTA
Analog
Output current source A for laser diode
16
VCC1
Supply
+5 V power supply for IOUT and circuit


Numéro de pièce similaire - ATR0808

FabricantNo de pièceFiches techniqueDescription
ABCO ELECTRONICS CO.LTD
ABCO ELECTRONICS CO.LTD
ATR0805 ABCO-ATR0805 Datasheet
538Kb / 3P
   THICK FILM CHIP RESISTORS
ATMEL Corporation
ATMEL Corporation
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
   THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0807-PEQ ATMEL-ATR0807-PEQ Datasheet
230Kb / 8P
   THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0807-TCQ ATMEL-ATR0807-TCQ Datasheet
230Kb / 8P
   THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
   FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
More results

Description similaire - ATR0808

FabricantNo de pièceFiches techniqueDescription
ATMEL Corporation
ATMEL Corporation
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
   THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
   FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0800 ATMEL-T0800 Datasheet
290Kb / 14P
   5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
   4-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
   4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
   3-channel Laser Driver with RF Oscillator
Analog Devices
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
   3-Channel Laser Diode Driver with Oscillator
Rev. SpA
More results


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz