Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LBC856BDW1T1 Fiches technique(PDF) 4 Page - Leshan Radio Company

No de pièce LBC856BDW1T1
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC856BDW1T1 Fiches technique(HTML) 4 Page - Leshan Radio Company

  LBC856BDW1T1 Datasheet HTML 1Page - Leshan Radio Company LBC856BDW1T1 Datasheet HTML 2Page - Leshan Radio Company LBC856BDW1T1 Datasheet HTML 3Page - Leshan Radio Company LBC856BDW1T1 Datasheet HTML 4Page - Leshan Radio Company LBC856BDW1T1 Datasheet HTML 5Page - Leshan Radio Company LBC856BDW1T1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LBC856–5/6
LBC856BDW1T1, LBC857BDW1T1, LBC857CDW1T1, LBC858BDW1T1, LBC858CDW1T1
TYPICAL CHARACTERISTICS – LBC857/LBC858
Figure 7. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 8. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
-0.2
0.2
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
-0.6
-0.7
-0.8
-0.9
-1.0
-0.5
0
-0.2
-0.4
-0.1
-0.3
1.6
1.2
2.0
2.8
2.4
-1.2
-1.6
-2.0
-0.02
-1.0
-10
0
-20
-0.1
-0.4
-0.8
1.5
1.0
0.7
0.5
0.3
-0.2
-10
-100
-1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = -10 V
VCE = -10 V
TA = 25°C
-55°C to +125°C
IC = -100 mA
IC = -20 mA
-0.5 -1.0 -2.0
-5.0 -10 -20
-50 -100 -200
-0.1 -0.2
-0.5 -1.0 -2.0
-5.0 -10 -20
-50 -100
IC = -200 mA
IC = -50 mA
IC =
-10 mA
Figure 11. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
-0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
-0.5
TA = 25°C
Cob
Cib
-0.6
-1.0
-2.0
-4.0 -6.0
-10
-20 -30 -40
150
-1.0
-2.0 -3.0 -5.0
-10
-20 -30 -50
VCE = -10 V
TA = 25°C
TA = 25°C
1.0


Numéro de pièce similaire - LBC856BDW1T1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LBC856BDW1T1G LRC-LBC856BDW1T1G Datasheet
134Kb / 6P
   Dual General Purpose Transistors
logo
Shanghai Leiditech Elec...
LBC856BDW1T1G LEIDITECH-LBC856BDW1T1G Datasheet
462Kb / 6P
   S- Prefix for Automotive and Other Applications Requiring Unique Site
logo
Leshan Radio Company
LBC856BDW1T1G LRC-LBC856BDW1T1G_15 Datasheet
187Kb / 6P
   Dual General Purpose Transistors
More results

Description similaire - LBC856BDW1T1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com