Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDTA114TM3T5G Fiches technique(PDF) 4 Page - Leshan Radio Company

No de pièce LDTA114TM3T5G
Description  Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA114TM3T5G Fiches technique(HTML) 4 Page - Leshan Radio Company

  LDTA114TM3T5G Datasheet HTML 1Page - Leshan Radio Company LDTA114TM3T5G Datasheet HTML 2Page - Leshan Radio Company LDTA114TM3T5G Datasheet HTML 3Page - Leshan Radio Company LDTA114TM3T5G Datasheet HTML 4Page - Leshan Radio Company LDTA114TM3T5G Datasheet HTML 5Page - Leshan Radio Company LDTA114TM3T5G Datasheet HTML 6Page - Leshan Radio Company LDTA114TM3T5G Datasheet HTML 7Page - Leshan Radio Company LDTA114TM3T5G Datasheet HTML 8Page - Leshan Radio Company LDTA114TM3T5G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LDTA114EM3T5G_S-4/11
LDTA114EM3T5G_Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Resistor
LDTA114EM3T5G
LDTA124EM3T5G
LDTA144EM3T5G
LDTA114YM3T5G
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
LDTA143ZM3T5G
LDTA124XM3T5G
LDTA123JM3T5G
LDTA115EM3T5G
LDTA144WM3T5G
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
2.9
6.1
6.1
28.6
2.86
130
61.1
k
W
Resistor Ratio LDTA114EM3T5G/LDTA124EM3T5G/LDTA144EM3T5G
/
LDTA115EM3T5G
LDTA114YM3T5G
LDTA114TM3T5G/LDTA143TM3T5G
LDTA123EM3T5G/LDTA143EM3T5G
LDTA143ZM3T5G
LDTA124XM3T5G
LDTA123JM3T5G
LDTA144WM3T5G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
Figure 1. Derating Curve
250
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 480°C/W
300
Version 1.0


Numéro de pièce similaire - LDTA114TM3T5G

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LDTA114TM3T5G LRC-LDTA114TM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results

Description similaire - LDTA114TM3T5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com