Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LBZX84C3V0LT1 Fiches technique(PDF) 5 Page - Leshan Radio Company

No de pièce LBZX84C3V0LT1
Description  SEMICONDUCTOR, Zener Voltage Regulator Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBZX84C3V0LT1 Fiches technique(HTML) 5 Page - Leshan Radio Company

  LBZX84C3V0LT1 Datasheet HTML 1Page - Leshan Radio Company LBZX84C3V0LT1 Datasheet HTML 2Page - Leshan Radio Company LBZX84C3V0LT1 Datasheet HTML 3Page - Leshan Radio Company LBZX84C3V0LT1 Datasheet HTML 4Page - Leshan Radio Company LBZX84C3V0LT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
J2–5/5
GENERAL DATA — 225 mW SOT-23
225 mW SOT-23
Zener Voltage Regulator Diodes — Surface Mounted
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES
LEAD FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS
OF BASE MATERIAL.
A
B
C
D
G
H
J
K
L
S
V
INCHES
MILLIMETERS
DIM
MIN
M A X
MIN
M A X
2.80
1.20
0.89
0.37
1.78
0.013
0.085
0.45
0.89
2.10
0.45
3.04
1.40
1.11
0.50
2.04
0.100
0.177
0.60
1.02
2.50
0.60
0.1102
0.0472
0.0350
0.0150
0.0701
0.0005
0.0034
0.0180
0.0350
0.0830
0.0177
0.1197
0.0551
0.0440
0.0200
0.0807
0.0040
0.0070
0.0236
0.0401
0.0984
0.0236
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
SOT-23 Footprint
A
L
S
V
G
1
2
3
C
K
J
B
D
H
STYLE 8:
PIN 1. ANODE
2. NO CONNECTION
3. CATHODE
inches
mm
()
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
(Refer to Section 10 for more information on Packaging Specifications.)
Package Option
Type No. Suffix
MPQ (Units)
Tape and Reel
T1
3K
Tape and Ammo
T3
10K


Numéro de pièce similaire - LBZX84C3V0LT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LBZX84C3V0LT1G LRC-LBZX84C3V0LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84C3V0LT1G LRC-LBZX84C3V0LT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C3V0LT1G LEIDITECH-LBZX84C3V0LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
More results

Description similaire - LBZX84C3V0LT1

FabricantNo de pièceFiches techniqueDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
   Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com