Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AN8016NSH Datasheet(Fiches technique) 2 Page - Panasonic Semiconductor

Numéro de pièce AN8016NSH
Description  Single-channel 1.8-volt step-up DC-DC converter control IC
Télécharger  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

AN8016NSH Datasheet(HTML) 2 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AN8016NSH
Voltage Regulators
3
s Pin Descriptions
Pin No.
Symbol
Description
1IN
Error amplifier inverting input
2
S.C.P.
Time constant capacitor connection for short-circuit protection
3
SS
Soft-start time-constant capacitor connection
4
Off
On/off control
5VCC
Supply voltage
6
Out
Push-pull output
7
GND
Ground
8
RB
Output-current setting resistor connection pin
9
OSC
Oscillator circuit timing resistor/capacitor connection pin
10
FB
Error amplifier output
s Block Diagram
RB
8
Out
6
GND
7
Off
4
FB
10
IN
1
U.V.L.O.
Error amp.
S.C.P.
comp.
Low level detector
comp.
High level detector comp.
Unlatch comp.
SS pin
Q
R
S
Triangular wave
generator
Latch
Reference
voltage supply
1.27 V
On/off
control
Active-high
Low level
clamp
30 k
0.23 V
5
µA
VCC
1.27 V
0.6 V
1.27 V
VCC
Low level
clamp
1
µA
VCC
PWM
0.7 V
0.2 V
1.27 V
0.23 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn