Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2500B Fiches technique(PDF) 9 Page - OKI electronic componets

No de pièce ML2500B
Description  Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

ML2500B Fiches technique(HTML) 9 Page - OKI electronic componets

Back Button ML2500B Datasheet HTML 5Page - OKI electronic componets ML2500B Datasheet HTML 6Page - OKI electronic componets ML2500B Datasheet HTML 7Page - OKI electronic componets ML2500B Datasheet HTML 8Page - OKI electronic componets ML2500B Datasheet HTML 9Page - OKI electronic componets ML2500B Datasheet HTML 10Page - OKI electronic componets ML2500B Datasheet HTML 11Page - OKI electronic componets ML2500B Datasheet HTML 12Page - OKI electronic componets ML2500B Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
FEDL2500BFULL-02
OKI Semiconductor
ML2500BTA
9/27
Operational Timing at Power-On
To initialize the internal serial interface circuit of ML2500B after power-on, you must input “L” pulse to the
RESET pin at the timing shown below. After this “L” pulse input, the ML2500B enters into standby state
(Command-wait state).
Timing for inputting
RESET pulse at Power-on
Timing for Power Up and Power Down Operations
ML2500B stops its oscillation circuit to shift to power-down state either by using the PDWN command or by
inputting Low level to the
RESET pin. In power-down state, the ML2500B turns into low power consumption
mode.
Two options are available to power up the LSI again after power down by the PDWN command:
1. Input “L” pulse to the
RESET pin, or
2. Input Low level to the
CS pin.
The following charts show timings for power up and power down operations.
Timing for power-down operation by using the PDWN command
tRST
tPWUP
1
µs
1 ms
Powering Up
Resetting
Standby (Command-wait)
2.7 V
VDD
RESET(I)
Status
Power Down
CS
PDWN command input
tPDWN
100
µs
Status
Powering Up
Power Down
Command-wait
Command-wait
tCSWL
1
µs
tRST
1
µs
1 ms
tPWUP
Power up with RESET pin
Power up with CS pin
PDWN command input
CS(I)
RESET(I)


Numéro de pièce similaire - ML2500B

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
ML2500 OKI-ML2500 Datasheet
104Kb / 7P
   Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
More results

Description similaire - ML2500B

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
ML2500 OKI-ML2500 Datasheet
104Kb / 7P
   Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
OKI electronic componet...
ML2502 OKI-ML2502 Datasheet
117Kb / 20P
   128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com