Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN8015SH Fiches technique(PDF) 9 Page - Panasonic Semiconductor

No de pièce AN8015SH
Description  Single-channel step-down, step-up, or inverting use DC-DC converter control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8015SH Fiches technique(HTML) 9 Page - Panasonic Semiconductor

Back Button AN8015SH Datasheet HTML 5Page - Panasonic Semiconductor AN8015SH Datasheet HTML 6Page - Panasonic Semiconductor AN8015SH Datasheet HTML 7Page - Panasonic Semiconductor AN8015SH Datasheet HTML 8Page - Panasonic Semiconductor AN8015SH Datasheet HTML 9Page - Panasonic Semiconductor AN8015SH Datasheet HTML 10Page - Panasonic Semiconductor AN8015SH Datasheet HTML 11Page - Panasonic Semiconductor AN8015SH Datasheet HTML 12Page - Panasonic Semiconductor AN8015SH Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Voltage Regulators
AN8015SH
s Application Notes (continued)
[3] Function descriptions
1. Reference voltage block
This block is composed of the band gap circuit, and outputs the temperature compensated 2.46 V reference
voltage to the VREF terminal (pin 7). The reference voltage is stabilized when the supply voltage is 3.6 V or higher,
and used as the operating power supply for the IC inside. It is possible to take out a load current of up to
−3 mA .
Also, an overcurrent protection circuit is built in for the load, thereby protecting the IC from destruction when
VREF terminal is short circuited.
2. Triangular wave oscillation block
The triangular wave which swings from the highest wave of approximately 1.4 V to the lowest wave of
approximately 0.37 V will be generated by connecting a timing capacitor and a resistor to the CT terminal (pin 1) and
RT terminal (pin 2) respectively. The oscillation frequency can be freely decided by the value of CT and RT
connected externally.
The triangular wave is connected with the inverted input of PWM comparator of the IC inside.
3. Error amplifier block
This block detects the output voltage of DC-DC converter by the PNP transistor input type error amplifier, and
inputs the amplified signal to the PWM comparator.
The common-mode input voltage range is
− 0.1 V to 0.8 V, and is a voltage obtained by dividing the reference
voltage with resistors.
Also, it is possible to perform the gain setting and the phase compensation arbitrarily by inserting the feedback
resistor and capacitor between the error amplifier output terminal (pin 10) and the inverted input terminal (pin 9).
The output voltage VOUT, if positive, is obtained by connecting the resistor-divided reference voltage to the
noninverted input terminal as shown in figure 3. 1), and the output voltage VOUT, if negative, is obtained by
connecting to the inverted input terminal as shown in figure 3. 2). The output voltages in each of these cases are
given in the following equations.
VREF
R1
R2
7
PWM comparator
input
Error amp.
IN
+ 8
IN
− 9
VOUT
VOUT = VIN+
Figure 3. Connection method of error amplifier
1) If output is positive
R3
R4
RNF
CNF
VOUT = − (VREF − VIN−)VREF
2) If output is negative
R3
+ R4
R3
×
R1
+ R2
R2
VIN+ = VREF ×
×
VIN− = VREF
R4
R3
+ R4
×
R2
R1
+ R2
VREF
R1
R2
7
PWM comparator
input
Error amp.
IN
+ 8
IN
− 9
VOUT
R3
R4
RNF
CNF
4. Timer latch short-circuit protection circuit
This circuit protects the external main switching devices, flywheel diodes, and choke coils, etc. from
destruction or deterioration if overload or short-circuit of power supply output lasts for a certain time.
The timer latch short-circuit protection circuit detects the output level of the error amplifier. When the output
voltage of DC-DC converter drops and the output level of error amplifiers exceeds 1.85 V, the low-level output is
given and the timer circuit is actuated to start the charge of the external protection enable capacitor.
If the output of the error amplifier does not return to a normal voltage range by the time when the voltage of
this capacitor reaches 1.83 V, it sets the latch circuit, cuts off the output drive transistor, and sets the dead-time at
100%.


Numéro de pièce similaire - AN8015SH

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8010 PANASONIC-AN8010 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8010M PANASONIC-AN8010M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8014 PANASONIC-AN8014 Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results

Description similaire - AN8015SH

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com