Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2240TB Fiches technique(PDF) 9 Page - OKI electronic componets

No de pièce ML2240TB
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240TB Fiches technique(HTML) 9 Page - OKI electronic componets

Back Button ML2240TB Datasheet HTML 5Page - OKI electronic componets ML2240TB Datasheet HTML 6Page - OKI electronic componets ML2240TB Datasheet HTML 7Page - OKI electronic componets ML2240TB Datasheet HTML 8Page - OKI electronic componets ML2240TB Datasheet HTML 9Page - OKI electronic componets ML2240TB Datasheet HTML 10Page - OKI electronic componets ML2240TB Datasheet HTML 11Page - OKI electronic componets ML2240TB Datasheet HTML 12Page - OKI electronic componets ML2240TB Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
9/24
DC Characteristics (5 V)
DVDD = AVDD = 4.5 to 5.5 V, DGND = AGND = 0 V, Ta = –40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
0.8
× V
DD
V
“L” input voltage
VIL
0.2
× V
DD
V
“H” output voltage
VOH
IOH = –1 mA
VDD – 0.4
V
“L” output voltage
VOL
IOL = 2 mA
0.4
V
“H” input current 1
IIH1
VIH = VDD
10
µA
“H” input current 2
(Note 1)
IIH2
VIH = VDD
0.8
5.0
20
µA
“H” input current 3
(Note 4)
IIH3
VIH = VDD
30
350
µA
“L” input current 1
IIL1
VIL = GND
–10
µA
“L” input current 2
(Note 2)
IIL2
VIL = GND
–230
–60
µA
“L” input current 3
(Note 1)
IIL3
VIL = GND
–20
–5.0
–0.8
µA
Output leakage
current (Note 3)
ILO
0
≤ V
OUT ≤ VDD
–10
–3.0
+10
µA
Operating current
consumption 1
IDD1
fOSC = 4 MHz at no load
OPTANA = “L”
14
30
mA
Operating current
consumption 2
IDD2
fOSC = 4 MHz at no load
OPTANA = “H”
17
40
mA
Ta = –40 to +70°C
15
µA
Standby current
consumption
IDS
Ta = –40 to +85°C
100
µA
Notes: 1. Applies to XT pin.
2. Applies to
RD pin.
3. Applies to RA22 to RA0, D15/A-1, and
ROE pins.
4. Applies to TEST pin.


Numéro de pièce similaire - ML2240TB

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
ML224D-12 MPD-ML224D-12 Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML224D-15 MPD-ML224D-15 Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML224DMR-12RI4 MPD-ML224DMR-12RI4 Datasheet
731Kb / 2P
   Medical Approved Compact SMT, 2W DC/DC Converters
ML224DMR-15RI4 MPD-ML224DMR-15RI4 Datasheet
731Kb / 2P
   Medical Approved Compact SMT, 2W DC/DC Converters
ML224MD12HI MPD-ML224MD12HI Datasheet
334Kb / 2P
   ML200MHI SERIES
More results

Description similaire - ML2240TB

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com