Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN8013SH Fiches technique(PDF) 7 Page - Panasonic Semiconductor

No de pièce AN8013SH
Description  Single-channel step-up or step-down DC-DC converter control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8013SH Fiches technique(HTML) 7 Page - Panasonic Semiconductor

Back Button AN8013SH Datasheet HTML 3Page - Panasonic Semiconductor AN8013SH Datasheet HTML 4Page - Panasonic Semiconductor AN8013SH Datasheet HTML 5Page - Panasonic Semiconductor AN8013SH Datasheet HTML 6Page - Panasonic Semiconductor AN8013SH Datasheet HTML 7Page - Panasonic Semiconductor AN8013SH Datasheet HTML 8Page - Panasonic Semiconductor AN8013SH Datasheet HTML 9Page - Panasonic Semiconductor AN8013SH Datasheet HTML 10Page - Panasonic Semiconductor AN8013SH Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Voltage Regulators
AN8013SH
7
s Application Notes (continued)
[1] Main characteristics (continued)
Input threshold voltage line regulation
Total consumption current line regulation
Timing resistance
 Total consumption current
Timing resistance
 Output saturation voltage
0.745
0.760
0.765
0
5
10
15
20
25
30
35
Supply voltage V
CC (V)
0.755
0.750
Ta = 25°C
2.0
3.5
4.0
0
5
10
15
20
25
30
35
Supply voltage V
CC (V)
3.0
2.5
Ta = 25°C
R
T = 5.1 kΩ
R
T = 15 kΩ
2.0
3.0
3.5
4
20
Timing resistance R
T (kΩ)
V
CC = 12 V
Ta = 25°C
2.5
8
12
16
4
20
Timing resistance R
T (kΩ)
V
CC = 12 V
I
O = 50 mA
Ta = 25°C
8
12
16
0.80
0.84
0.85
0.83
0.82
0.81


Numéro de pièce similaire - AN8013SH

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8010 PANASONIC-AN8010 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8010M PANASONIC-AN8010M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8014 PANASONIC-AN8014 Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results

Description similaire - AN8013SH

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
FM34093M FUMAN-FM34093M Datasheet
228Kb / 5P
   Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com