Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I-MODULE Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce I-MODULE
Description  Expansion Module for MIC-7000 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

I-MODULE Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  I-MODULE Datasheet HTML 1Page - Advantech Co., Ltd. I-MODULE Datasheet HTML 2Page - Advantech Co., Ltd. I-MODULE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Modular IPCs
i-Module Series
Selection Table
i-Module slot number starts from the inner side,
as the image on the right.
Dimension Guide
i-Module
MIC-75M10
MIC-75M11
MIC-75M20
MIC-
75M20-01
MIC-75M40
MIC-75M13
MIC-75S20
MIC-73M20
MIC-73M11
MIC-73M13
Slot 1
PCIe x16
PCIe x16
PCIe x16
PCIe x8
PCIe x4
PCIe x16
PCIe x16
PCIe x1
PCIe x1
PCIe x1
Slot 2
-
PCI
PCIe x4
PCIe x8
PCIe x8
PCI
PCIe x4
PCIe x1
PCI
PCI
Slot 3
-
-
-
-
PCIe x4
PCI
-
-
-
PCI
Slot 4
-
-
-
-
PCIe x4
PCI
-
-
-
PCI
SATA Conn
-
1
SATA PWR
-
1
2.5" Storage
Bay
-
1*
2
2x Hot Swap +
2x Internal**
1*
2
N.W. (kg)
0.64
0.87
1.16
1.60
0.87
1.16
G.W. (kg)
1.71
2.02
2.47
2.98
2.02
2.47
i-Module
(W x H x D)
24 x 192 x 230
50 x 192 x 230
90 x 192 x 230
50 x 192 x 230
90 x 192 x 230
MIC-7000 +
i-Module
(W x H x D)
97 x 192 x 230
123 x 192 x 230
163 x 192 x 230
123 x 192 x 230
163 x 192
x 230
MIC-7700 +
i-Module
(W x H x D)
101 x 192
x 230
127 x 192 x 230
167 x 192 x 230
-
-
System Fan
(Optional)***
-
4cm
98R17520000E
8cm
98R1751300E
4cm
98R17520000E
8cm
98R1751300E
12VDC Conn
1
PCI/PCIe Card
Max. Length
(with fan)
181mm
PCI/PCIe Card
Max. Length
(without fan)
207mm
* Need to order 9891752010E
** MIC-7500 and MIC-7700H: 1x SATA Conn.; MIC-7700Q: 3x SATA Conn.; MIC-7900: 4x SATA Conn.
*** Suggest to add optional system fan if power consumption of add-on card is more than 45W for better thermal management.
2 1
4 2
3 1
Slot
i-Module Width: 90 mm
PCI/PCIe Card Max. Length Support
Depth:
230
mm
Width:
163
mm
Example: MIC-7500 + MIC-75M40


Numéro de pièce similaire - I-MODULE

FabricantNo de pièceFiches techniqueDescription
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
I-MGBIC-LC03-C ATGBICS-I-MGBIC-LC03-C Datasheet
322Kb / 9P
   I-MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results

Description similaire - I-MODULE

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
98910770300 ADVANTECH-98910770300 Datasheet
1Mb / 2P
   I/O Expansion Kit for MIC-7 Series
20-May-2020
MIC-75GF10 ADVANTECH-MIC-75GF10 Datasheet
600Kb / 2P
   MXM GPU Expansion Module for New AI Application with MIC-7 Series
3-Aug-2022
MIC-75G20 ADVANTECH-MIC-75G20 Datasheet
1Mb / 3P
   GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
2-Dec-2022
MIC-75G30 ADVANTECH-MIC-75G30 Datasheet
1Mb / 3P
   Dual GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
12-Dec-2022
logo
JDS Uniphase Corporatio...
NEM-4134 JDSU-NEM-4134 Datasheet
148Kb / 3P
   Network Expansion Module
logo
Tyco Electronics
7000-2B-380 MACOM-7000-2B-380 Datasheet
308Kb / 1P
   7000 Series Frequency Sensor
logo
Moxa Inc.
DA-UPCI-DK MOXA-DA-UPCI-DK Datasheet
664Kb / 2P
   Expansion module with a universal PCI expansion slot
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
   PCIe mini card expansion module
20-Jul-2020
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
logo
Advantech Co., Ltd.
BAS-3018 ADVANTECH-BAS-3018 Datasheet
531Kb / 1P
   8-ch UI Expansion Module
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com