Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM5954AM28-E1 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce AM5954AM28-E1
Description  4-CHANNEL BTL MOTOR DRIVER FOR DVD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AM5954AM28-E1 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AM5954AM28-E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Preliminary Datasheet
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4-CHANNEL BTL MOTOR DRIVER FOR DVD
AM5954A
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
Ι
CC
18
27
mA
Standby Current
Ι
ST
0.5
mA
Standby-on Voltage
VSTON
All channels off
0
0.5
V
Standby-off Voltage
VSTOFF
All channels on
2.0
V
Actuator Driver
Output Offset Current
IOO
-6
6
mA
Maximum Output Amplitude
VOM
VIN = VBIAS ± 1.5V
3.6
3.8
V
Transmission Gain
gm
VIN = VBIAS ± 0.2V
1.3
1.5
1.7
A/V
Sled Motor Driver/Pre Op Amp
Common Input Voltage Range
VICM
VBIAS = 6V
-0.3
11.0
V
VCC = PVCC1 = 5V
-0.3
4.0
V
Input Bias Current
IIB
14
300
nA
Output Low Level Voltage
VOL
0.1
0.3
V
Output Source Current
ISO
0.3
0.58
mA
Output Sink Current
ISI
1mA
Sled Motor Driver
Output Offset Voltage
VOOFSL
VCC = 5V
-100
100
mV
Maximum Output Voltage
VOMSL
VIN=VBIAS ± 1.5V
7.5
9
V
Closed-loop Voltage Gain
GVSL
VIN=VBIAS ± 0.2V
18.0
20.0
22.0
dB
Loading Motor Driver
Output Offset Voltage
VOOFLD
-50
50
mV
Maximum Output Voltage
VOMLD
VIN = VBIAS ± 2.0V
7.5
9
V
VIN = VBIAS ± 1.5V
VCC= PVCC1 = 5V
3.6
3.8
V
Closed-loop Voltage Gain
GVLD
VIN = VBIAS ± 0.2V
13.5
15.5
17.5
dB
Gain Error by Polarity
∆G
VLD
VIN = VBIAS ± 0.2V
01
2
dB
(TA = 25
oC, V
CC =PVCC1 = 12V, PVCC2 = 5V, VBIAS = 2.5V, RL1 = RL2 =RL3 = RL4 = 8Ω, RD = 0.5Ω, CFC=CTK
= 100pF, unless otherwise specified.)
Electrical Characteristics


Numéro de pièce similaire - AM5954AM28-E1

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AM5954AM28-E1 BCDSEMI-AM5954AM28-E1 Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Description similaire - AM5954AM28-E1

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ5954 BCDSEMI-AZ5954 Datasheet
175Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM/DVD
logo
NXP Semiconductors
TZA1048 PHILIPS-TZA1048 Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
logo
BCD Semiconductor Manuf...
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
logo
Rohm
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
   BTL Driver For DVD-ROM
logo
Unisonic Technologies
UA8888S UTC-UA8888S Datasheet
143Kb / 8P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com