Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML60851C Fiches technique(PDF) 5 Page - OKI electronic componets

No de pièce ML60851C
Description  USB Device Controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

ML60851C Fiches technique(HTML) 5 Page - OKI electronic componets

  ML60851C Datasheet HTML 1Page - OKI electronic componets ML60851C Datasheet HTML 2Page - OKI electronic componets ML60851C Datasheet HTML 3Page - OKI electronic componets ML60851C Datasheet HTML 4Page - OKI electronic componets ML60851C Datasheet HTML 5Page - OKI electronic componets ML60851C Datasheet HTML 6Page - OKI electronic componets ML60851C Datasheet HTML 7Page - OKI electronic componets ML60851C Datasheet HTML 8Page - OKI electronic componets ML60851C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
PEDL60851C-02
1Semiconductor
ML60851C
5/67
INTERNAL REGISTERS
Addresses and Names of Registers
Addresses
Register
Page
A5:A0
Read
A7, A6
Write
A7, A6
Symbol
Register name
00h
01b
EP0RXFIFO
Endpoint 0 Receive FIFO Data
7
01h
01b
EP1RXFIFO
Endpoint 1 Receive FIFO Data
7
02h
01b
EP2RXFIFO
Endpoint 2 Receive FIFO Data
8
03h
01b
Reserved
00h
11b
EP0TXFIFO
Endpoint 0 Transmit FIFO Data
9
01h
11b
EP1TXFIFO
Endpoint 1 Transmit FIFO Data
9
02h
11b
EP2TXFIFO
Endpoint 2 Transmit FIFO Data
10
03h
11b
EP3TXFIFO
Endpoint 3 Transmit FIFO Data
10
00h
11b
01b
DVCADR
Device Address Register
11
01h
11b
01b
DVCSTAT
Device Status Register
11
02h
11b
PKTERR
Packet Error Register
13
03h
11b
FIFOSTAT1
FIFO Status Register 1
13
04h
11b
FIFOSTAT2
FIFO Status Register 2
14
08h
11b
01b
PKTRDY
Endpoint Packet-Ready Register
15
09h
11b
EP0RXCNT
Endpoint 0 Receive-Byte Count Register
19
0Ah
11b
EP1RXCNT
Endpoint 1 Receive-Byte Count Register
19
0Bh
11b
EP2RXCNT
Endpoint 2 Receive-Byte Count Register
20
0Ch
11b
Reserved
0Dh
11b
REVISION
Revision Register
21
0Eh
01b
CLRFIFO
Transmit FIFO Clear Register
21
0Fh
01b
SYSCON
System Control Register
22
10h
11b
bmRequestType
bmRequestType Setup Register
23
11h
11b
bRequest
bRequest Setup Register
23
12h
11b
wValueLSB
wValueLSB Setup Register
24
13h
11b
wValueMSB
wValueMSB Setup Register
24
14h
11b
wIndexLSB
wIndexLSB Setup Register
24
15h
11b
wIndexMSB
wIndexMSB Setup Register
24
16h
11b
wLengthLSB
wLengthLSB Setup Register
25
17h
11b
wLengthMSB
wLengthMSB Setup Register
25
1Ah
11b
01b
POLSEL
Assertion Select Register
26
1Bh
11b
01b
INTENBL
Interrupt Enable Register
27
1Ch
11b
INTSTAT
Interrupt Status Register
28
1Dh
11b
01b
DMACON
DMA Control Register
30
1Eh
11b
01b
DMAINTVL
DMA Interval Register
31
1Fh
Reserved


Numéro de pièce similaire - ML60851C

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851AGA OKI-ML60851AGA Datasheet
325Kb / 45P
   USB Device Controller
ML60851ATB OKI-ML60851ATB Datasheet
325Kb / 45P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results

Description similaire - ML60851C

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
   USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
   USB Device Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com