Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AN7700 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce AN7700
Description  Low-dropout three-pin voltage regulator 1.2-A type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7700 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  AN7700 Datasheet HTML 1Page - Panasonic Semiconductor AN7700 Datasheet HTML 2Page - Panasonic Semiconductor AN7700 Datasheet HTML 3Page - Panasonic Semiconductor AN7700 Datasheet HTML 4Page - Panasonic Semiconductor AN7700 Datasheet HTML 5Page - Panasonic Semiconductor AN7700 Datasheet HTML 6Page - Panasonic Semiconductor AN7700 Datasheet HTML 7Page - Panasonic Semiconductor AN7700 Datasheet HTML 8Page - Panasonic Semiconductor AN7700 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AN7700, AN7700F, AN7700SP Series
Voltage Regulators
2
s Block Diagram
Overcurrent
limiter
Error amplifier
Inrush current
protection
Input short-circuit
protection
Output stage
Thermal
protection
V
REF
R1
R2
s Pin Descriptions
Pin No.
Description
1
Input pin (In)
2
Ground pin (COM)
3
Output pin (Out)
s Absolute Maximum Ratings at T
a = 25°C
Parameter
Symbol
Rating
Unit
Supply voltage *
2
VIN
30
V
Supply current *
3
IIN
2.4
A
Power dissipation *
4 AN7700 series
PD
15
W
AN7700F series
10.25
AN7700SP series
5.0
Operating ambient temperature *
1
Topr
−30 to +85
°C
Storage temperature *
1
Tstg
−55 to +150
°C
Note) *1: Expect for the operating ambient temperature, and storage temperature, all ratings are for Ta = 25°C.
*2: At the application of VIN = 30 V, the overvoltage protection may be operated by the ASO protection circuit, leading to the
output shut down.
*3: The current value does not exceed this criterion because of the on-chip current limiter.
*4: The internal circuit shuts off the output when Tj ≥ 150°C (designed value). The relationship between the IC power
dissipation and ambient temperature shall conform to the derating curve (s Characteristic curve chart PD  Ta).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn