Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM6555B-XX Fiches technique(PDF) 4 Page - OKI electronic componets

No de pièce MSM6555B-XX
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6555B-XX Fiches technique(HTML) 4 Page - OKI electronic componets

  MSM6555B-XX Datasheet HTML 1Page - OKI electronic componets MSM6555B-XX Datasheet HTML 2Page - OKI electronic componets MSM6555B-XX Datasheet HTML 3Page - OKI electronic componets MSM6555B-XX Datasheet HTML 4Page - OKI electronic componets MSM6555B-XX Datasheet HTML 5Page - OKI electronic componets MSM6555B-XX Datasheet HTML 6Page - OKI electronic componets MSM6555B-XX Datasheet HTML 7Page - OKI electronic componets MSM6555B-XX Datasheet HTML 8Page - OKI electronic componets MSM6555B-XX Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MSM6555B-xx
¡ Semiconductor
4/27
ELECTRICAL CHARACTERISTICS
DC Characteristics (1)
*1 f=32.768 kHz
; crystal oscillation
*2 f=32.768 kHz
; external clock
*3 f=76.8 kHz
; external clock
*4 After reset input "L" pulse input or stop command input:
Note: The above values are guaranteed when the IC chip is not exposed to light.
DC Characteristics (2)
(VDD = 3V ±10%, Ta = –10 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
"H" Input Voltage 1
VIH1
—VDD–0.3
VDD
VXT
"L" Input Voltage 1
VIL1
0
0.6
V
XT
"H" Input Voltage 2
VIH2
0.8VDD
—VDD
V
Input pins except XT
"L" Input Voltage 2
VIL2
0
0.2VDD
V
Input pins except XT
"H" Input Current 1
IIH1
VI = VDD
——
1
m
A
Input pins except TEST and XT
"L" Input Current
IIL
VI = 0V
–1
m
A
Input pins except XT
"H" Input Current 2
IIH2
VI = VDD
0.1
0.4
mA
TEST
"H" Output Voltage
VOH
IOH = –400mAVDD–0.5
V
SO
"L" Output Voltage
VOL
IOL = 1.5mA
0.5
V
SO
Off Leakage Current
IOFF
VI = VDD/0V
±10
m
ASO
COM Output Resistance
RC
IO = ±50mA—
5
kW
C1 to C17
SEG Output Resistance
RS
IO = ±10mA
——15
kW
S1 to S80
Supply Current 1
IDD1
*1
—2550
m
A—
Supply Current 2
IDD2
*2
—2040
m
A—
Supply Current 3
IDD3
*3
—2550
m
A—
Supply Current 4
IDD4
*4
0.5
2
m
A—
Notes:
1. Connect a 0.1 mF capacitor to the LCD bias generator and the voltage doubler.
2. The above values are guaranteed when the IC chip is not exposed to light.
(VDD = 0V, VSS = –3V, Ta = 25°C)
Parameter
Symbol Condition (Note)
Min.
Typ.
Max.
Unit
Applicable pin
Bias Voltage 1
VSS1
VSS2, 3 = –2.0V
–1.1
–1.0
–0.9
V
VSS1
Bias Voltage 2, 3
VSS2, 3
N1 = "H", N2 = "L"
contrast = "1"
–2.5
–2.15
–1.7
V
VSS2, 3
Bias Voltage 4
VSS4
VSS2, 3 = –2.0V
–3.1
–3.0
–2.9
V
VSS4
Bias Voltage 5
VSS5
VSS2, 3 = –2.0V
–4.2
–4.0
–3.8
V
VSS5


Numéro de pièce similaire - MSM6555B-XX

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM65511 OKI-MSM65511 Datasheet
344Kb / 25P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512 OKI-MSM65512 Datasheet
394Kb / 26P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65512A-XXXGS-2K OKI-MSM65512A-XXXGS-2K Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65512A-XXXJS OKI-MSM65512A-XXXJS Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
More results

Description similaire - MSM6555B-XX

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com