Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M62499FP Fiches technique(PDF) 8 Page - Mitsubishi Electric Semiconductor

No de pièce M62499FP
Description  SOUND CONTROLLER WITH T-BASS and BBE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62499FP Fiches technique(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M62499FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62499FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62499FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62499FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62499FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62499FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62499FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M62499FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M62499FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
M62499FP
MITSUBISHI SOUND PROCESSORS
SOUND CONTROLLER WITH T-BASS and BBE
(
/ 19)
INPUT DATA FORMAT
Fore kinds of input format options are availably by address fixation bit of D15,D16 and D17.
(When the IC powered up, the internal settings are not fixed.)
Input direction
DO
0 0
(1)
Fixation bit
(For address)
Note) Do not input other data than the above.
(There is not an operation guarantee except the specification data code.)
D1
D2
D3
D4
D5
D6
D7
D8
D9
D1O D11
D12
D13
D14 D15
D16
D17
0
0 0
1
1 1
0
1 1
1
1
Input selector
Gain control
Port output 1-4
Port output
7,8
Try state output5,6
Lch volume control
Rch volume control
VOL Amp. gain(L)
I0
I1
I2
G0 G1 G2
O0 O1 O2 O3
O8 O9
Ss0 Ss1 St0 St1
L0 L1
L2 L3
L4 L5
L6
R0 R1 R2 R3 R4 R5
R6
VL0
(2)
(3)
(4)
Prohibition
(1)-2 SETTING CODE OF GAIN
CONTROL
0
0
1
0
1
0
0
0
0
0
0
1
1
1
1
1
0
0
G0
G1
G2
0 dB
1
0
1
1
1
Gain
2 dB
4 dB
6 dB
8 dB
10 dB
12 dB
14 dB
K0
K1
1
0
1
1
(2)-3
SETTING CODE OF KARAOKE CONTROL
1
0
1
1
1
0
1
1
K2
STEREO
1
1
0
MONO(L+R)
L MPX
R MPX
Vocal cut (L-R)
0
1
1
1
K3
1
sw1
sw2
sw3
sw4
sw5
on
on
off
off
off
sw8,9
a
on
off
on
off
on
b
on off
off
on
off
on
off
on
off
off
on
on
off
off
off
b
b
b
(4)-4 SETTING CODE
OF REC MUTE
M0
Rec Mute
OFF
Rec Mute
ON
0
1
Rec
output
MSB
LSB
(1)-1 SETTING CODE OF INPUT SELECTOR
0
0
1
0
1
Selector
0
0
0
0
0
0
1
1
1
1
1
A
0
0
B
C
D
E
I0
I1
I2
SW 1,5
SW MUTE
Input mute
off
on
on
off
1
0
1
1
1
1
Selector SW
AIIoff
A
B
C
D
E
Unsettled
8
0
VOL Amp. gain(R)
VL1 VL2 VR0 VR1 VR2
Bass boost/Cut
Treble boost/Cut
B0
B1 B2
B3 T0
T1 T2
T3
BBE
BE0 BE1
T-Bass gain
TB0 TB1 TB2
KARAOKE control
0
K0 K1 K2
K3
Rec
mute
M0
1
1
1
(Note.)In data transmission setting of slot 4,put interval of 100msec.
Prohibition
Unsettled
Unsettled
Unsettled
Unsettled
Unsettled
1


Numéro de pièce similaire - M62499FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M62490FP MITSUBISHI-M62490FP Datasheet
97Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62490FP RENESAS-M62490FP Datasheet
123Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62492 MITSUBISHI-M62492 Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
   DIGITAL SOUND CONTROLLER
More results

Description similaire - M62499FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3860K ROHM-BD3860K Datasheet
295Kb / 27P
   Built-in BBE Audio sound controller
logo
Mitsubishi Electric Sem...
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
   DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
logo
Rohm
BH3868BFS ROHM-BH3868BFS Datasheet
239Kb / 28P
   Audio sound processor with BBE
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_14 Datasheet
2Mb / 271P
   3-band EQ and Bass Boost and 3D Sound Effects
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
   Sound Controller with Surround and AGC
logo
New Japan Radio
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
   AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
logo
Renesas Technology Corp
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
logo
New Japan Radio
NJW1164 NJRC-NJW1164 Datasheet
568Kb / 27P
   AUDIO PROCESSOR with BBE
logo
Mitsubishi Electric Sem...
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Generalplus Technology ...
GPC11A24B1 GENERALPLUS-GPC11A24B1 Datasheet
466Kb / 15P
   Sound Controller with 1MB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com