Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA78R08CTSTU Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce KA78R08CTSTU
Description  1A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R08CTSTU Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  KA78R08CTSTU Datasheet HTML 1Page - Fairchild Semiconductor KA78R08CTSTU Datasheet HTML 2Page - Fairchild Semiconductor KA78R08CTSTU Datasheet HTML 3Page - Fairchild Semiconductor KA78R08CTSTU Datasheet HTML 4Page - Fairchild Semiconductor KA78R08CTSTU Datasheet HTML 5Page - Fairchild Semiconductor KA78R08CTSTU Datasheet HTML 6Page - Fairchild Semiconductor KA78R08CTSTU Datasheet HTML 7Page - Fairchild Semiconductor KA78R08CTSTU Datasheet HTML 8Page - Fairchild Semiconductor KA78R08CTSTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
KA78RXXC-SERIES
4
Typical Performance Characteristics
KA78R33
Figure 1. Output Voltage vs. Input Voltage
Figure 2. Quiescent Current vs. Input Voltage
Figure 3. Output Voltage vs. Disable Voltage
Figure 4. Output Voltage vs. Temperature(Tj)
Figure 5. Quiescent Current vs. Temperature(Tj)
Figure 6. Dropout Voltage vs.Junction Temperature
Input voltage Vin (V)
4.50
3.75
3.00
2.25
1.50
0.75
5.25
0
0
2
4
6
8
10
RL=
RL=3.3
0
5
10
15
20
0
20
40
60
80
RL=
Input voltage Vin(V)
0
3
Disable voltage Vdis (V)
0.5
1.5
1
2
2.5
4.50
3.75
3.00
2.25
1.50
0.75
5.25
0
3.34
3.32
3.30
3.36
-25
TEMPERATURE Tj(oC)
75
125
0
25
50
100
3.26
3.24
3.22
3.28
10
8
6
4
2
0
Junction temperature Tj(
oC)
75
125
0
25
50
100
-25
-25
0
25
50
75
100
125
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
1.0A
Junction Temp Tj [
]


Numéro de pièce similaire - KA78R08CTSTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA78R08CTSTU FAIRCHILD-KA78R08CTSTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

Description similaire - KA78R08CTSTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com