Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP212SRI Fiches technique(PDF) 8 Page - Power Integrations, Inc.

No de pièce SMP212SRI
Description  PWM POWER SUPPLY IC 85-265 VAC INPUT ISOLATED, REGULATED DC OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP212SRI Fiches technique(HTML) 8 Page - Power Integrations, Inc.

Back Button SMP212SRI Datasheet HTML 4Page - Power Integrations, Inc. SMP212SRI Datasheet HTML 5Page - Power Integrations, Inc. SMP212SRI Datasheet HTML 6Page - Power Integrations, Inc. SMP212SRI Datasheet HTML 7Page - Power Integrations, Inc. SMP212SRI Datasheet HTML 8Page - Power Integrations, Inc. SMP212SRI Datasheet HTML 9Page - Power Integrations, Inc. SMP212SRI Datasheet HTML 10Page - Power Integrations, Inc. SMP212SRI Datasheet HTML 11Page - Power Integrations, Inc. SMP212SRI Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image


Numéro de pièce similaire - SMP212SRI

FabricantNo de pièceFiches techniqueDescription
logo
ETAL Group
SMP21-L20-DC24V-10A ETAL-SMP21-L20-DC24V-10A Datasheet
416Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
SMP21-L20-DC24V-5A ETAL-SMP21-L20-DC24V-5A Datasheet
414Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-S20-DC24V-10A ETAL-SMP21-S20-DC24V-10A Datasheet
416Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-S20-DC24V-20A ETAL-SMP21-S20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
More results

Description similaire - SMP212SRI

FabricantNo de pièceFiches techniqueDescription
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
   Universal Input: 85-265 VAC
logo
Powerbox
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
   Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
   Universal input 85 - 265 VAC
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
   Universal input 85 - 265 VAC
logo
Power Integrations, Inc...
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
   85 to 265 VAC Input, 15W Output USB Reference Design Board
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
   85 to 265 VAC Input, 3 W Output Reference Design Board
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
   85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
RD5 POWERINT-RD5 Datasheet
122Kb / 12P
   Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output
logo
Microdc power Technolog...
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com