Moteur de recherche de fiches techniques de composants électroniques |
|
54ABT373CDCX Fiches technique(PDF) 9 Page - National Semiconductor (TI) |
|
|
54ABT373CDCX Fiches technique(HTML) 9 Page - National Semiconductor (TI) |
9 / 16 page tPLH vs Temperature (TA) CL e 50 pF 1 Output Switching LE to Output TLF11547 – 35 tPHL vs Temperature (TA) CL e 50 pF 1 Output Switching LE to Output TLF11547 – 36 tPLH vs Temperature (TA) CL e 50 pF 8 Outputs Switching LE to Output TLF11547 – 37 tPHL vs Temperature (TA) CL e 50 pF 8 Outputs Switching LE to Output TLF11547 – 38 tPLH and tPHL vs Number Outputs Switching CL e 50 pF TA e 25 C VCC e 50V Outputs In Phase Data to Output TLF11547 – 33 Typical ICC vs Output Switching Frequency CL e 0 pF VCC e VIH e 55V LE e GND 1 Output Switching at 50% Duty Cycle Data to Output Transparent Mode with Unused Data Inputs e VIH TLF11547 – 34 Dashed lines represent design characteristics for specified guarantees refer to AC Characteristics Tables 9 |
Numéro de pièce similaire - 54ABT373CDCX |
|
Description similaire - 54ABT373CDCX |