Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AN7199Z Datasheet(Fiches technique) 1 Page - Panasonic Semiconductor

Numéro de pièce AN7199Z
Description  Dual 20 W BTL power IC for car audio
Télécharger  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

AN7199Z Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ICs for Audio Common Use
1
HZIP015-P-0745A
Unit : mm
18.00±0.30
13.50±0.30
φ3.60±0.10
115
4.00±0.20
1.50±0.10
0.50
+0.20
–0.10
(0.61)
(2.54)
0.25
+0.15
–0.05
R0.55
1.27
(1.80)
(1.95)
19.00±0.30
19.30±0.30
AN7199Z
Dual 20 W BTL power IC for car audio
s Overview
The AN7199Z is an audio power IC developed for the
sound output of car audio (dual 20 W).
A capacitor and a resistor to stop oscillation are built
in between the output pin and GND so that a space sav-
ing of set is possible. Also, it is incorporates an industry's
first superior muting circuit which is free from shock
noise, so that a shock noise design under the set transient
condition can be made easily when the muting circuit is
used together with its standby function.
In addition, it is incorporating various protective cir-
cuits to protect the IC from destruction by GND-open
short-circuit to GND and power supply surge which are
the most important subjects of power IC protection, and
the IC will largely contribute to a high reliability design
of equipment.
s Features
• Built-in various protection circuits (realizing high break-
down voltage against destruction)
Power supply surge breakdown voltage of 80 V or more
Ground open breakdown voltage of 16 V or more
• Built-in standby function (free from shock noise when
STB-on/off)
• Built-in muting function
Free from shock noise at mute-on/off
• Adapting attenuator method so that abnormal sound due
to waveform deformation is not generated
Attack time, recovery time of 50 ms or less
• Reduction in external components
No CR for oscillation stop is required
It eliminates the need for NF and BS electrolytic ca-
pacitors
Muting function is unneccesary
Power supply choke coil is unnecessary
• Provided with beep sound input pin
• High sound quality design
s Applications
• Car audio


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN7195KDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7195ZDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7196KDual 15 W BTL power IC for car audio 1 2 3 4 5 Panasonic Semiconductor
AN7196ZDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7198ZDual 20 W BTL Power IC for Car Audio 1 2 3 4 5 MorePanasonic Semiconductor
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
AN7551ZPower IC for BTL car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7555NZBTL output power IC for car audio 1 2 3 4 5 Panasonic Semiconductor
AN7560ZBTL output power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7561ZBTL output power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn