Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AN7199Z Datasheet(Fiches technique) 4 Page - Panasonic Semiconductor

Numéro de pièce AN7199Z
Description  Dual 20 W BTL power IC for car audio
Télécharger  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo 

AN7199Z Datasheet(HTML) 4 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AN7199Z
ICs for Audio Common Use
4
Pin No.
Equivalent circuit
Description
DC Voltage
1
Supply voltage pin
13.2 V
Supply connection pin
2
Ch.1 output pin (
+)
6.6 V
Ch.1 positive-phase output pin
3
GND (output)
0 V
Grounding pin for ch.1 output
4
Ch.1 output pin (
−)
6.6 V
Ch.1 inverted-phase output pin
5
Standby control pin
Standby changeover pin
Threshold voltage approx. 2.1 V
6
Ch.1 input pin
0 mV to10 mV
Ch.1 input signal applied pin
Input impedance 30 k
15 k
AN7198Z : 600
AN7199Z : 300
2
1
3
Pre-amp.
VREF = 6.3 V
Drive circuit
Drive circuit
s Terminal Equivalent Circuits
Drive circuit
Drive circuit
15 k
AN7198Z : 600
AN7199Z : 300
4
1
3
Pre-amp.
VREF = 6.3 V
5
2 k
10 k
Approx.
15
µA
Approx.
15
µA
6
200
30 k
600


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AN7195KDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7195ZDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7196KDual 15 W BTL power IC for car audio 1 2 3 4 5 Panasonic Semiconductor
AN7196ZDual 15 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7198ZDual 20 W BTL Power IC for Car Audio 1 2 3 4 5 MorePanasonic Semiconductor
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
AN7551ZPower IC for BTL car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7555NZBTL output power IC for car audio 1 2 3 4 5 Panasonic Semiconductor
AN7560ZBTL output power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
AN7561ZBTL output power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn