Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z0220516SSCR4292 Fiches technique(PDF) 3 Page - Zilog, Inc.

No de pièce Z0220516SSCR4292
Description  MODEM CONTROLLER IDEAL FOR LOW POWER CONSUMPTION, SMALL SIZE REQUIREMENTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z0220516SSCR4292 Fiches technique(HTML) 3 Page - Zilog, Inc.

  Z0220516SSCR4292 Datasheet HTML 1Page - Zilog, Inc. Z0220516SSCR4292 Datasheet HTML 2Page - Zilog, Inc. Z0220516SSCR4292 Datasheet HTML 3Page - Zilog, Inc. Z0220516SSCR4292 Datasheet HTML 4Page - Zilog, Inc. Z0220516SSCR4292 Datasheet HTML 5Page - Zilog, Inc. Z0220516SSCR4292 Datasheet HTML 6Page - Zilog, Inc. Z0220516SSCR4292 Datasheet HTML 7Page - Zilog, Inc. Z0220516SSCR4292 Datasheet HTML 8Page - Zilog, Inc. Z0220516SSCR4292 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PS001000-MOD0599
1
PRODUCT SPECIFICATION
Z02205
1
MODEM CONTROLLER IDEAL FOR LOW POWER
CONSUMPTION, SMALL SIZE REQUIREMENTS
FEATURES
‡ Includes AT command set interpreter in on-chip ROM—
no external memory required
‡ Supports Tone dial or Pulse dial
‡ Call progress monitoring controls
‡ Handshake controls
‡ Guard Tone controls
‡ Line quality monitoring and Auto-Retrain
‡ Auto-Dial and Auto-Answer
‡ Glueless interface to Z02201 modem data pump
‡ Watch-Dog Timer (WDT)/Power-On Reset (POR)
‡ Type-I Caller ID
‡ Dynamic power management
‡ CMOS design for low power consumption
‡ 0°C to +70°C commercial temperature range
‡ 28-pin DIP, SOIC package
‡ 4.5V to 5.5V operating range
GENERAL DESCRIPTION
The Z02205 V.22bis Modem Controller serves as the mo-
dem controller in embedded V.22bis modem applications.
A complete modem can be made by adding ZiLOG data
pump (Z02201), phone line interface, and the required DTE
interface. The Z02205 has been designed for low-cost use
and includes a glueless interface to the ZiLOG data pumps.
The Z02205 is ideal for applications where small size and
low power consumption are requirements.
The Z02205 operates over dial-up telephone connections,
provides auto-dial and ring detect, and operates in either
SYNC
or ASYNC modes.
The Z02205 includes AT command and modem control
firmware in on-chip ROM. It also includes enhanced wake-
up circuitry, programmable Watch-Dog Timers (WDT), and
low-noise/EMI options.
AT commands stored on-chip in ROM provide control over
the following modem controller functions:
‡ Call progress monitoring
‡ Handshake negotiation
‡ Dial controls—pulse or tone
‡ S-registers
‡ Auto-answer and auto-dial
‡ Guard tones
‡ On-hook and off-hook
‡ Auto-retrain
Standard Z02205 sample devices and demonstration boards
contain controller code tailored for operation on the North
American phone network. For production usage, customers
must modify the controller code to meet the requirements
of their particular country and application.
Device
ROM
(KB)
RAM*
(Bytes)
Speed
(MHz)
Z02205
16
237
16


Numéro de pièce similaire - Z0220516SSCR4292

FabricantNo de pièceFiches techniqueDescription
logo
Zilog, Inc.
Z02205 ZILOG-Z02205 Datasheet
19Kb / 3P
   MODEM EVALUATION KIT
More results

Description similaire - Z0220516SSCR4292

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com