Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40200D Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40200D
Description  WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40200D Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS40200D Datasheet HTML 5Page - Texas Instruments TPS40200D Datasheet HTML 6Page - Texas Instruments TPS40200D Datasheet HTML 7Page - Texas Instruments TPS40200D Datasheet HTML 8Page - Texas Instruments TPS40200D Datasheet HTML 9Page - Texas Instruments TPS40200D Datasheet HTML 10Page - Texas Instruments TPS40200D Datasheet HTML 11Page - Texas Instruments TPS40200D Datasheet HTML 12Page - Texas Instruments TPS40200D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
www.ti.com
GENERAL INFORMATION
Overview
Programming the Operating Frequency
105
.
0
C
R
1
f
RC
RC
SW
´
´
=
A
750
R
V
RC
IN
m
£
(1)
Synchronizing the Oscillator
TPS40200
SLUS659 – FEBRUARY 2006
The TPS40200 is a non-synchronous controller with a built in 200-mA driver designed to drive high speed
P-Channel FETS up to 500 kHz. Its small size combined with complete functionality makes the part both versatile
and easy to use.
The controller uses a low value current-sensing resistor in series with the input voltage and the power FET’s
source connection to detect switching current. When the voltage drop across this resistor exceeds 100 mV, the
part enters a hiccup fault mode at about 2% of the operating frequency.
The part uses voltage feedback to an error amplifier that is biased by a precision 700-mV reference.
Feed-forward compensation from the input keeps the PWM gain constant over the full input voltage range,
eliminating the need to change frequency compensation for different input voltages.
The part also incorporates a soft-start feature where the output follows a slowly rising soft-start voltage,
preventing output-voltage overshoot.
The operating frequency of the controller is determined by an external resistor RRC that is connected from the RC
pin to VDD and a Capacitor attached from the RC pin to ground. This connection and the two oscillator
comparators inside the IC, are shown in Figure 26. The oscillator frequency can be calculated from the following
equation:
Where :
fSW is the clock frequency
RRC is the timing resistor value in Ω
CRC is the timing capacitor value in F
RRC must be kept large enough that the current through it does not exceed 750 µA when the internal switch
(shown in Figure 26) is discharging the timing capacitor. This condition may be expressed by the following:
Figure 26 shows the functional diagram of the TPS40200’s oscillator. When synchronizing the oscillator to an
external clock, the RC pin must be pulled below 150 mV for 20 ns or more. The external clock frequency must be
higher than the free running frequency of the converter as well. When synchronizing the controller, if the RC pin
is held low for an excessive amount of time, erratic operation may occur. The maximum amount of time that the
RC pin should be held low is 50% of a nominal output pulse, or 10% of the period of the synchronization
frequency.
Under circumstances where the input voltage is high and the duty cycle is less than 50%, a Schottky diode
connected from the RC pin to an external clock may be used to synchronize the oscillator. The cathode of the
diode is connected to the RC pin. The trip point of the oscillator is set by an internal voltage divider to be 1/10 of
the input voltage. The clock signal must have an amplitude higher than this trip point. When the clock goes low, it
allows the reset current to restart the RC ramp, synchronizing the oscillator to the external clock. This provides a
simple, single-component method for clock synchronization.
9
Submit Documentation Feedback


Numéro de pièce similaire - TPS40200D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40200D TI-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI-TPS40200D Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI1-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results

Description similaire - TPS40200D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com