Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2576TV-3.3 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce LM2576TV-3.3
Description  3.0A, 15V, Step-Down Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

LM2576TV-3.3 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

  LM2576TV-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2576TV-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2576TV-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2576TV-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2576TV-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2576TV-3.3 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2576TV-3.3 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2576TV-3.3 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM2576TV-3.3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
3.0A, 15V, Step-Down Switching Regulator
This pin is the positive input supply for the LM2576 step–down switching
regulator.In order to minimize voltage transients and to supply the switching
currents needed by the regulator, a suitable input bypass capacitor must be
present .(Cin in Figure 1).
This is the emitter of the internal switch. The saturation voltage Vsat of this
output switch is typically 1.5 V. It should be kept in mind that the PCB area
connected to this pin should be kept to a minimum in order to minimize
coupling to sensitive circuitry.
Circuit ground pin. See the information about the printed circuit board layout.
This pin senses regulated output voltage to complete the feedback loop.
The signal is divided by the internal resistor divider network R2, R1 and
applied to the non–inverting input of the internal error amplifier. In the
Adjustable version of the LM2576 switching regulator this pin is the direct
input of the error amplifier and the resistor network R2, R1 is connected
externally to allow programming of the output voltage.
It allows the switching regulator circuit to be shut down using logic level
signals, thus dropping the total input supply current to approximately 80 mA.
The threshold voltage is typically 1.4 V. Applying a voltage above this value
(up to +Vin) shuts the regulator off. If the voltage applied to this pin is lower
than 1.4V or if this pin is left open, the regulator will be in the "on" condition
LM2576
HTC
9
Symbol
1
Vin
Output
2
Gnd
3
Description
Feedback
4
5
ON/OFF
PIN FUNCTION DESCRIPTION


Numéro de pièce similaire - LM2576TV-3.3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2576TV-3.3 ONSEMI-LM2576TV-3.3 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Motorola, Inc
LM2576TV-3.3 MOTOROLA-LM2576TV-3.3 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576TV-3.3 ONSEMI-LM2576TV-3.3 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576TV-3.3G ONSEMI-LM2576TV-3.3G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Description similaire - LM2576TV-3.3

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
   15V, 5A Synchronous Step-Down Regulator
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2833 NSC-LM2833 Datasheet
672Kb / 22P
   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
Linear Technology
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com