Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9308-00 Fiches technique(PDF) 1 Page - Peregrine Semiconductor Corp.

No de pièce 9308-00
Description  13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PEREGRINE [Peregrine Semiconductor Corp.]
Site Internet  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9308-00 Fiches technique(HTML) 1 Page - Peregrine Semiconductor Corp.

  9308-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9308-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
Document No. 70-0187-01
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
VDD = 2.45< VDD <2.75 V, -40° C ≤ TA ≤ 85° C, unless otherwise specified
The PE9308 is a high-performance dynamic UltraCMOS™
prescaler ideal for Ku band Transceiver applications. It has a
fixed divide ratio of 4 with an operating frequency range of 4.0
GHz to 13.5 GHz. The PE9308 operates on a nominal 2.6 V
supply and draws only 15 mA. It is packaged in a small 8-lead
Flat Pack and is also available in Die form for Hybrid
application.
The PE9308 is manufactured in Peregrine’s patented Ultra
Thin Silicon (UTSi©) CMOS process, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Advance Information
13.5 GHz Low Power UltraCMOS™
Divide-by-4 Prescaler for
RAD-Hard Space Applications
Product Description
Figure 1. Functional Schematic Diagram
PE9308
Features
High-frequency operation: up to 13.5 GHz
Fixed divide ratio of 4
Low-power operation:15 mA typical @ 2.6V
SEL Immune due to UltraCMOS™
SEU <10-10 errors / bit-day
100 Krads (Si) Total Dose
Small package: 8-lead Formed Flat pack
Available as Die
Table 1. Electrical Specifications (ZS = ZL = 50 Ω)
Figure 2. Package Type
8-lead CSOIC
IN
OUT
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
Output Buffer
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.45
2.6
2.75
V
Supply Current
8
15
20
mA
SSB Phase noise (PhN)
100 KHz Offset; Pin=0dBm
-120
dBc/Hz
Input Power (Pin)
7.0 GHz
≤ F
in ≤ 10.0 GHz
0
+10
dBm
4.0 GHz < Fin ≤ 7.0 GHz
+5
+10
dBm
Output Power (Pout)
4.0 GHz
≤ F
in ≤ 10.0 GHz
0
dBm
Frequency
4000
13,500
MHz


Numéro de pièce similaire - 9308-00

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
logo
Keystone Electronics Co...
9308 KEYSTONE-9308 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9308 HEYCO-9308 Datasheet
152Kb / 2P
   Snap Rivets
logo
Molex Electronics Ltd.
930803 MOLEX5-930803 Datasheet
376Kb / 2P
   3.81mm (.150") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 90째 Wire Entry, 3 Circuits
930803 MOLEX11-930803 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
More results

Description similaire - 9308-00

FabricantNo de pièceFiches techniqueDescription
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com