Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN7090FHQ Fiches technique(PDF) 12 Page - Panasonic Semiconductor

No de pièce AN7090FHQ
Description  Peripheral analog IC for audio signal processing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7090FHQ Fiches technique(HTML) 12 Page - Panasonic Semiconductor

Back Button AN7090FHQ Datasheet HTML 6Page - Panasonic Semiconductor AN7090FHQ Datasheet HTML 7Page - Panasonic Semiconductor AN7090FHQ Datasheet HTML 8Page - Panasonic Semiconductor AN7090FHQ Datasheet HTML 9Page - Panasonic Semiconductor AN7090FHQ Datasheet HTML 10Page - Panasonic Semiconductor AN7090FHQ Datasheet HTML 11Page - Panasonic Semiconductor AN7090FHQ Datasheet HTML 12Page - Panasonic Semiconductor AN7090FHQ Datasheet HTML 13Page - Panasonic Semiconductor AN7090FHQ Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
AN7090FHQ
ICs for Information Equipment
Pin No.
Equivalent circuit
Description
Pin voltage
(V)
35
COGN :
0
Ground pin
36
CDOR :
0
Output pin of R-channel CD-
ROM
37
GND :
0
Ground pin
38
CDR1 :
0
Input pin of R-channel CD-
ROM1
39
CDR2 :
0
Input pin of R-channel CD-
ROM2
40
Refer to pin 35.
CIGN :
0
Ground pin
s Terminal Equivalent Circuits (continued)
35
40
22 k
22 k
35
36
−V
CC
VCC
500
100 k
35
40
38
−V
CC
VCC
39
−V
CC
VCC
22 k
22 k
−V
CC
VCC
22 k
22 k
22 k


Numéro de pièce similaire - AN7090FHQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
AN709 VISHAY-AN709 Datasheet
78Kb / 7P
   Designing with the Si9976DY N-Channel Half-Bridge Driver and LITTLE FOOT Dual MOSFETs
15-Jun-00
More results

Description similaire - AN7090FHQ

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
logo
Sanyo Semicon Device
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
   Digital Surround Audio Signal-Processing IC
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com