Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN7062N Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce AN7062N
Description  High Voltage Input Amplifier Circuit for Hi-Fi Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7062N Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  AN7062N Datasheet HTML 1Page - Panasonic Semiconductor AN7062N Datasheet HTML 2Page - Panasonic Semiconductor AN7062N Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ICs for Audio Common Use
s Overview
The AN7062N is a high voltage integrated circuit de-
signed for pre-driver of 60W-class Hi-Fi audio amp.
Stereo operation is enabled due to two amplifiers built-in.
s Features
High voltage
Low noise : Vni = 2.5µV (typ.)
Low distortion : THD = 0.003% (typ.)
Good channel separation
Wide operating supply voltage range
AN7062N
High Voltage Input Amplifier Circuit for Hi-Fi Power Amplifier
1
2
3
4
5
6
7
8
3 ~ 15˚
7.62
±0.25
0.3
+ 0.1
– 0.25
3.8
±0.25
(3.45)
0.51min.
Unit : mm
6.3
±0.25
18
17
16
15
14
13
12
11
9
10
18-Lead DIP Package (DIP018-P-300E)
s Block Diagram
4
5
6
7
8
9
11
12
13
14
15
16
17
1
18
10
3
2
GND
–VCC1
+VCC
–VCC2
(L.F.B)
(L.F.B)
Current Mirror
Cascade
Bootstrap
Emitter
Follower
Differential
Amplifier
Current Mirror
Cascade
Bootstrap
Differential
Amplifier
Emitter
Follower
Current Mirror
Current Source


Numéro de pièce similaire - AN7062N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AN7062N ETC2-AN7062N Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Description similaire - AN7062N

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN7060 PANASONIC-AN7060 Datasheet
100Kb / 5P
   HIGH VOLTAGE INPUT AMPLIFIER CIRCUIT FOR HI FI POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
   20W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
   22W HI-FI AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
   40W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
Rohm
BU7839GVW ROHM-BU7839GVW Datasheet
691Kb / 16P
   Digital Input Hi-Fi Class-D Headphone Amplifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com