Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP905 Fiches technique(PDF) 1 Page - OPTEK Technologies

No de pièce OP905
Description  PIN Sili con Pho todiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP905 Fiches technique(HTML) 1 Page - OPTEK Technologies

  OP905 Datasheet HTML 1Page - OPTEK Technologies OP905 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Narrow receiving angle
Linear response vs. irradiance
Fast switching time
T-1 package style
Small package ideal for space limited
applications
Description
The OP905 device consists of a PIN
silicon photodiode molded in a clear
epoxy package which allows spectral
response from visible to infrared light
wavelengths. The narrow receiving angle
provides excellent on-axis coupling.
These devices are 100% production
tested using infrared light for close
correlation with Optek’s GaAs and
GaAlAs emitters.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Reverse Breakdown Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 V
Storage and Operating Temperature Range. . . . . . . . . . . . . . . . . . -40
o C to +100o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
o C(1)
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(2)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
Max. 20 grams force may be applied to leads when soldering.
(2) Derate linearly 1.67 mW/
o C above 25o C.
(3) Light source is an unfiltered GaAs LED with a peak emission wavelength of 935nm and a
radiometric intensity level which varies less than 10% over the entire lens surface of the
photodiode being tested.
(4) To calculate typical dark current in nA, use the formula ID = 10
(0.042 T
A
-1.5) where TA is
ambient temperature in
o C.
Typical Performance Curves
Product Bulletin OP905
June 1996
PIN Silicon Photodiode
Type OP905
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
Relative Response vs.
Wavelength
λ- Wavelength - nm
Coupling Characteristics
OP905 and OP265
Distance Between Lens Tips - inches
VR = 5 V
IF = 20 mA
3-52


Numéro de pièce similaire - OP905

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
OP905 TTELEC-OP905 Datasheet
520Kb / 4P
   PIN Silicon Photodiode
More results

Description similaire - OP905

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OP950 OPTEK-OP950 Datasheet
717Kb / 2P
   PIN Sili con Pho todiode
OP955 OPTEK-OP955 Datasheet
710Kb / 2P
   PIN Sili con Pho todiode
OP954 OPTEK-OP954 Datasheet
701Kb / 2P
   PIN Sili con Pho todiode
OP993 OPTEK-OP993 Datasheet
723Kb / 2P
   PIN Sili con Pho todiode
OP999 OPTEK-OP999 Datasheet
707Kb / 2P
   PIN Sili con Photodiode
OPF792 OPTEK-OPF792 Datasheet
224Kb / 2P
   Short Wave length PIN Pho todiode
OSM960 OPTEK-OSM960 Datasheet
223Kb / 2P
   Six Ele ment SMD Pho todiode Ar ray
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
   CON
logo
Shanghai Leiditech Elec...
LMBT3904WT1G LEIDITECH-LMBT3904WT1G Datasheet
807Kb / 5P
   General Purpose Transistors NPN Sili
logo
List of Unclassifed Man...
CA62802P07990 ETC2-CA62802P07990 Datasheet
135Kb / 1P
   (2-6) #20 PIN CONTACTS MINI-CON-X
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com