Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-DL17 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-DL17 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 8 page Device Selection Guide, continued Color, Luminous Intensity, Part Typical Dominant Iv (mcd),[1,2] Number Viewing Angle, Wavelength, @ 20 mA Leads with Flanged Package HLMP- 2 θ1/2 (Deg.)[4] λ d (nm), [3] Typ. Min. Typ. Stand-Offs Base Drawing UJ13 15 Orange, 605 700 1800 No Yes A UJ14 15 Orange, 605 700 1800 Yes Yes C DH15 15 Red-Orange, 615 1400 2500 No Yes A GH15 15 Red-Orange, 615 1400 2500 No No B DH17 15 Red-Orange, 615 1400 2500 Yes Yes C GH17 15 Red-Orange, 615 1400 2500 Yes No D UH13 15 Red-Orange, 615 500 1400 No Yes A UH14 15 Red-Orange, 615 500 1400 Yes Yes C DG15 15 Red, 626 1400 2100 No Yes A GG15 15 Red, 626 1400 2100 No No B DG17 15 Red, 626 1400 2100 Yes Yes C GG17 15 Red, 626 1400 2100 Yes No D UG13 15 Red, 626 500 1000 No Yes A UG14 15 Red, 626 500 1000 Yes Yes C DL24 23 Amber, 590 1000 1800 No Yes A GL24 23 Amber, 590 1000 1800 No No B DL26 23 Amber, 590 1000 1800 Yes Yes C GL26 23 Amber, 590 1000 1800 Yes No D UL22 23 Amber, 590 450 1000 No Yes A UL23 23 Amber, 590 450 1000 Yes Yes C DJ24 23 Orange, 605 1000 2000 No Yes A GJ24 23 Orange, 605 1000 2000 No No B DJ26 23 Orange, 605 1000 2000 Yes Yes C GJ26 23 Orange, 605 1000 2000 Yes No D UJ22 23 Orange, 605 290 1200 No Yes A UJ23 23 Orange, 605 290 1200 Yes Yes C DH24 23 Red-Orange, 615 700 1500 No Yes A GH24 23 Red-Orange, 615 700 1500 No No B DH26 23 Red-Orange, 615 700 1500 Yes Yes C GH26 23 Red-Orange, 615 700 1500 Yes No D UH22 23 Red-Orange, 615 290 900 No Yes A UH23 23 Red-Orange, 615 290 900 Yes Yes C Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, λ d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. 4. θ 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. 5. The intensity of narrow viewing angle lamps is measured at the intensity peak. |
Numéro de pièce similaire - HLMP-DL17 |
|
Description similaire - HLMP-DL17 |