Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AN6550 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce AN6550
Description  Dual Operational Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6550 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  AN6550 Datasheet HTML 1Page - Panasonic Semiconductor AN6550 Datasheet HTML 2Page - Panasonic Semiconductor AN6550 Datasheet HTML 3Page - Panasonic Semiconductor AN6550 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Overview
The AN6550 is a dual operational amplifier with a phase
compensation circuit built-in, allowing low voltage oper-
ation.
It is suitable for application to various electronic circuits
such as active filters and audio preamplifiers.
s Features
• Phase compensation circuit
• High voltage gain, low noise
• Output short protection circuit
• Low voltage operation(
±2.5V to±10V)
AN6550
Dual Operational Amplifier
s Block Diagram
9
8
7
6
5
4
3
2
0.3
+ 0.1
– 0.05
6.0
±0.3
2.4
±0.25
3.3
±0.25
3.0
±0.3
Unit:mm
1
9-pin SIL Plastic Package (SIP009-P-0000C)
1
8
VO1
VO2
VEXT
52
7
6
R3
Q3
Q1
C2
Q6
R5
R10
R7
Q9
Q8
Q11
Q14
Q29
Q26
Q28
R16
Q18
Q13
Q25
Q23
R18
R22
Q17
Q16
C4
R12
R9
R11
R21
VEE
(GND)
9
VCC
R8
R13
Q10
R6
Q5
Q4
R1
C1
R2
R4
Q7
Q22
Q24
Q20
Q19
R17
Q21
R15
C3
R14
Q27
R20
R19
Q7
Q2
Vin2–
Vin2+
3
4
Vin1–
Vin1+
s Pin Descriptions
Pin No.
Pin name
1
2
3
4
5
6
7
8
9
Ch.1 output
External bias
Ch.1 inverting input
Ch.1 non inverting input
VEE (GND)
Ch.2 non inverting input
Ch.2 inveting input
Ch.2 output
VCC


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn